データシートサーチシステム |
|
LMV321IDBVR データシート(PDF) 4 Page - Texas Instruments |
|
|
LMV321IDBVR データシート(HTML) 4 Page - Texas Instruments |
4 / 31 page LMV321 SINGLE, LMV358 DUAL, LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN LOW VOLTAGE RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS263Q − AUGUST 1999 − REVISED OCTOBER 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC (see Note 1) 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (either input) 0 to 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C, VCC ≤ 5.5 V (see Note 3) Unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, qJA (see Notes 4 and 5): D (8-pin) package 97 °C/W . . . . . . . . . . . . . . . . . . . . . . D (14-pin) package 86 °C/W . . . . . . . . . . . . . . . . . . . . D (16-pin) package 73 °C/W . . . . . . . . . . . . . . . . . . . . DBV (5-pin) package 206 °C/W . . . . . . . . . . . . . . . . . . DCK (5-pin) package 252 °C/W . . . . . . . . . . . . . . . . . . DDU (8-pin) package TBD °C/W . . . . . . . . . . . . . . . . . DGK (8-pin) package 172 °C/W . . . . . . . . . . . . . . . . . . PW (8-pin) package 149 °C/W . . . . . . . . . . . . . . . . . . . PW (14-pin) package 113 °C/W . . . . . . . . . . . . . . . . . . PW (16-pin) package 108 °C/W . . . . . . . . . . . . . . . . . . Operating virtual junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND. 2. Differential voltages are at IN+ with respect to IN−. 3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction. 4. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/qJA. Selecting the maximum of 150°C can affect reliability. 5. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 6) MIN MAX UNIT VCC Supply voltage (single-supply operation) 2.7 5.5 V VIH Amplifier turnon voltage level (LMV324S)‡ VCC = 2.7 V 1.7 V VIH Amplifier turnon voltage level (LMV324S)‡ VCC = 5 V 3.5 V VIL Amplifier turnoff voltage level (LMV324S) VCC = 2.7 V 0.7 V VIL Amplifier turnoff voltage level (LMV324S) VCC = 5 V 1.5 V TA Operating free-air temperature I-Temp −40 85 °C TA Operating free-air temperature Q-Temp −40 125 °C ‡ VIH should not be allowed to exceed VCC. NOTE 6: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
同様の部品番号 - LMV321IDBVR |
|
同様の説明 - LMV321IDBVR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |