データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SBE805 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 SBE805
部品情報  30V, 500mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBE805 データシート(HTML) 1 Page - Sanyo Semicon Device

  SBE805 Datasheet HTML 1Page - Sanyo Semicon Device SBE805 Datasheet HTML 2Page - Sanyo Semicon Device SBE805 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBE805
No.7291-1/3
Features
Low forward voltage (VF max=0.55V).
Fast reverse recovery time (trr max=10ns).
Composite type with 2 diodes contained in the CPH
package currently in use, improving the mounting
efficiency greatly.
The chips incorporated are both equivalent to
the SB05-03C.
Specifications
Absolute Maximum Ratings at Ta=25
°C (Value per element)
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Non-repetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
500
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C (Value per element)
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=150µA30
V
Forward Voltage
VF
IF=500mA
0.55
V
Reverse Current
IR
VR=15V
30
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
16
pF
Reverse Recovery Time
trr
IF=IR=100mA, see specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
300
°C / W
Marking : SE
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7291
SBE805
30V, 500mA Rectifier
Package Dimensions
unit : mm
1294
[SBE805]
O1002 TS IM TA-3609
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Schottky Barrier Diode
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Anode
SANYO : CPH5
2.9
0.05
0.4
0.95
0.15
0.4
12
3
4
5


同様の部品番号 - SBE805

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SBE805 ONSEMI-SBE805 Datasheet
323Kb / 6P
   Schottky Barrier Diode 30V, 0.5A, Low IR, Non-Monolithic Dual CPH5 Common Cathode
September, 2013
SBE805-S-TL-E ONSEMI-SBE805-S-TL-E Datasheet
323Kb / 6P
   Schottky Barrier Diode 30V, 0.5A, Low IR, Non-Monolithic Dual CPH5 Common Cathode
September, 2013
SBE805-TL-E ONSEMI-SBE805-TL-E Datasheet
323Kb / 6P
   Schottky Barrier Diode 30V, 0.5A, Low IR, Non-Monolithic Dual CPH5 Common Cathode
September, 2013
More results

同様の説明 - SBE805

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB0503EJ SANYO-SB0503EJ Datasheet
40Kb / 3P
   30V, 500mA Rectifier
SB05-03C SANYO-SB05-03C Datasheet
61Kb / 2P
   30V, 500mA Rectifier
FC805 SANYO-FC805 Datasheet
50Kb / 2P
   30V, 500mA Rectifier
SB05-03Q SANYO-SB05-03Q Datasheet
63Kb / 2P
   30V, 500mA Rectifier
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 500mA Rectifier
logo
Rohm
2SCR502UB ROHM-2SCR502UB Datasheet
1Mb / 8P
   NPN 500mA 30V General purpose transistors
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
   NPN 500mA 30V General purpose transistors
20220712 - Rev.001
logo
Torex Semiconductor
XBS053V13-12 TOREX-XBS053V13-12 Datasheet
92Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
XB0ASB03A1BR TOREX-XB0ASB03A1BR Datasheet
145Kb / 2P
   SCHOTTKY BARRIER DIODE 500MA 30V TYPE
XBS053V13 TOREX-XBS053V13 Datasheet
70Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com