データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB11NM60FD データシート(PDF) 3 Page - STMicroelectronics

部品番号 STB11NM60FD
部品情報  N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM60FD データシート(HTML) 3 Page - STMicroelectronics

  STB11NM60FD Datasheet HTML 1Page - STMicroelectronics STB11NM60FD Datasheet HTML 2Page - STMicroelectronics STB11NM60FD Datasheet HTML 3Page - STMicroelectronics STB11NM60FD Datasheet HTML 4Page - STMicroelectronics STB11NM60FD Datasheet HTML 5Page - STMicroelectronics STB11NM60FD Datasheet HTML 6Page - STMicroelectronics STB11NM60FD Datasheet HTML 7Page - STMicroelectronics STB11NM60FD Datasheet HTML 8Page - STMicroelectronics STB11NM60FD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STB11NM60FD - STB11NM60FD-1 - STP11NM60FD - STP11NM60FDFP
Electrical ratings
3/17
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/
D²PAK/I²PAK
TO-220FP
VDS
Drain-source voltage (vgs = 0)
600
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source voltage
±30
V
ID
Drain current (continuos) at TC = 25°C
11
11 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuos) at TC = 100°C
7
7 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
44
44 (1)
A
PTOT
Total dissipation at TC = 25°C
160
35
W
Derating factor
0.88
0.28
W/°C
dv/dt (3)
3.
ISD<11A, di/dt<400A/µs, VDD= 80% V(BR)DSS
Peak diode recovery voltage slope
20
V/ns
VISO
Insulation winthstand voltage (dc)
--
2500
V
Tstg
Storage temperature
–65 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
TO-220
D²PAK/I²PAK
TO-220FP
Rthj-case Thermal resistance junction-case Max
0.78
3.57
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
5.5
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 35V)
350
mJ


同様の部品番号 - STB11NM60FD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
357Kb / 16P
   N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
logo
Inchange Semiconductor ...
STB11NM60FD ISC-STB11NM60FD Datasheet
315Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB11NM60FD VBSEMI-STB11NM60FD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB11NM60FD-1 STMICROELECTRONICS-STB11NM60FD-1 Datasheet
357Kb / 16P
   N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
logo
Inchange Semiconductor ...
STB11NM60FD-1 ISC-STB11NM60FD-1 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

同様の説明 - STB11NM60FD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STF20NM50D STMICROELECTRONICS-STF20NM50D Datasheet
494Kb / 11P
   N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
STP11NM60A STMICROELECTRONICS-STP11NM60A Datasheet
367Kb / 11P
   N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?줡ower MOSFET
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
   N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STB12NM50ND STMICROELECTRONICS-STB12NM50ND_09 Datasheet
1Mb / 16P
   N-channel 500V, 0.29 OHM, 11A, FDmesh II Power MOSFET (with fast diode) in D2PAK, DPAK, TO-220FP
STP12NM50FD STMICROELECTRONICS-STP12NM50FD Datasheet
649Kb / 14P
   N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
   N-channel 600V - 0.37廓 - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com