データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT240 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74LVT240
部品情報  ABT octal inverting buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT240 データシート(HTML) 2 Page - NXP Semiconductors

  74LVT240 Datasheet HTML 1Page - NXP Semiconductors 74LVT240 Datasheet HTML 2Page - NXP Semiconductors 74LVT240 Datasheet HTML 3Page - NXP Semiconductors 74LVT240 Datasheet HTML 4Page - NXP Semiconductors 74LVT240 Datasheet HTML 5Page - NXP Semiconductors 74LVT240 Datasheet HTML 6Page - NXP Semiconductors 74LVT240 Datasheet HTML 7Page - NXP Semiconductors 74LVT240 Datasheet HTML 8Page - NXP Semiconductors 74LVT240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT240
3.3V Octal inverting buffer (3-State)
2
1998 Feb 19
853-1744 18991
FEATURES
Octal bus interface
3-State buffers
Output capability: +64mA/-32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Power-up 3-State
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model.
DESCRIPTION
The LVT240 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device is an octal inverting buffer that is ideal for driving bus
lines. The device features two Output Enables (1OE, 2OE), each
controlling four of the 3-State outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF;
VCC = 3.3V
2.5
2.6
ns
CIN
Input capacitance
VI = 0V or 3.0V
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or 3.0V
8
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.12
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic SOL
–40
°C to +85°C
74LVT240 D
74LVT240 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT240 DB
74LVT240 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT240 PW
74LVT240PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1OE
1A0
2Y3
1A1
2Y2
1A2
2Y1
1A3
2Y01Y3
GND
2A1
1Y2
2A2
1Y1
2A3
1Y0
2OE
VCC
2A0
SV00006
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 4, 6, 8
1A0 – 1A3
Data inputs
11, 13, 15, 17
2A0 – 2A3
Data inputs
18, 16, 14, 12
1Y0 – 1Y3
Data outputs
9, 7, 5, 3
2Y0 – 2Y3
Data outputs
1, 19
1OE, 2OE
Output enables
10
GND
Ground (0V)
20
VCC
Positive supply voltage


同様の部品番号 - 74LVT240

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
74LVT240D NEXPERIA-74LVT240D Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
Fairchild Semiconductor
74LVT240MSA FAIRCHILD-74LVT240MSA Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

同様の説明 - 74LVT240

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT240 PHILIPS-74LVT240_15 Datasheet
95Kb / 10P
   ABT octal inverting buffer (3-State)
1998 Feb 19
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com