データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT240D データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74LVT240D
部品情報  ABT octal inverting buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT240D データシート(HTML) 4 Page - NXP Semiconductors

  74LVT240D Datasheet HTML 1Page - NXP Semiconductors 74LVT240D Datasheet HTML 2Page - NXP Semiconductors 74LVT240D Datasheet HTML 3Page - NXP Semiconductors 74LVT240D Datasheet HTML 4Page - NXP Semiconductors 74LVT240D Datasheet HTML 5Page - NXP Semiconductors 74LVT240D Datasheet HTML 6Page - NXP Semiconductors 74LVT240D Datasheet HTML 7Page - NXP Semiconductors 74LVT240D Datasheet HTML 8Page - NXP Semiconductors 74LVT240D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT240
3.3V Octal inverting buffer (3-State)
1998 Feb 19
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%; f ≥ 1kHz
64
mA
∆t/∆v
Input transition rise or fall rate; outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = -40°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; II = –18mA
0.9
–1.2
V
VCC = 2.7 to 3.6V; IOH = –100µA
VCC-0.2
VCC-0.1
V
VOH
High-level output voltage
VCC = 2.7V; IOH = –8mA
2.4
2.5
V
VCC = 3V; IOH = –32mA
2
2.2
V
VCC = 2.7V; IOL = 100µA
0.1
0.2
VCC = 2.7V; IOL = 24mA
0.3
0.5
VOL
Low-level output voltage
VCC = 3V; IOL = 16mA
0.25
0.4
V
VCC = 3V; IOL = 32mA
0.3
0.5
VCC = 3V; IOL = 64mA
0.4
0.55
VCC = 0 or 3.6V; VI = 5.5V
1
10
II
Input leakage current
VCC = 3.6V; VI = VCC or GND
Control pins
±0.1
±1
µA
II
In ut leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.1
1
µA
VCC = 3.6V; VI = 0
Data ins4
–1
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
1
±100
µA
Bus Hold current A
VCC = 3V; VI = 0.8V
75
150
IHOLD
Bus Hold current A
inputsNO TAG
VCC = 3V; VI = 2.0V
–75
–150
µA
in uts
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
60
125
µA
IPU/PD
Power up/down 3-State
output current3
VCC = ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
±1
±100
µA
IOZH
3-State output High current
VCC = 3.6V; VO = 3.0V
1
5
µA
IOZL
3-State output Low current
VCC = 3.6V; VO = 0.5V
–1
–5
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.12
0.19
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3
12
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO =
0NO TAG
0.12
0.19
∆ICC
Additional supply current
per input pin2
VCC = 3.0 to 3.6V; One input at VCC -0.6V;
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at Tamb = 25°C.
2. This is the increase in supply current for each input at VCC –0.6V.
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 10% a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C, only.
4. Unused pins at VCC or GND
5. ICCZ is measured with outputs pulled to VCC or GND.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.


同様の部品番号 - 74LVT240D

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVT240D NEXPERIA-74LVT240D Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
More results

同様の説明 - 74LVT240D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT240 PHILIPS-74LVT240_15 Datasheet
95Kb / 10P
   ABT octal inverting buffer (3-State)
1998 Feb 19
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com