データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT244APW データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74LVT244APW
部品情報  3.3V Octal buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT244APW データシート(HTML) 2 Page - NXP Semiconductors

  74LVT244APW Datasheet HTML 1Page - NXP Semiconductors 74LVT244APW Datasheet HTML 2Page - NXP Semiconductors 74LVT244APW Datasheet HTML 3Page - NXP Semiconductors 74LVT244APW Datasheet HTML 4Page - NXP Semiconductors 74LVT244APW Datasheet HTML 5Page - NXP Semiconductors 74LVT244APW Datasheet HTML 6Page - NXP Semiconductors 74LVT244APW Datasheet HTML 7Page - NXP Semiconductors 74LVT244APW Datasheet HTML 8Page - NXP Semiconductors 74LVT244APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT244A
3.3V Octal buffer/line driver (3-State)
2
1998 Feb 19
853-1745 18991
FEATURES
Octal bus interface
3-State buffers
Output capability: +64mA/-32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Power-up 3-State
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The LVT244A is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device is an octal buffer that is ideal for driving bus lines. The
device features two Output Enables (OE1, OE2), each controlling
four of the 3-State outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF;
VCC = 3.3V
2.5
2.6
ns
CIN
Input capacitance
VI = 0V or 3.0V
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or 3.0V
8
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic SOL
–40
°C to +85°C
74LVT244A D
74LVT244A D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT244A DB
74LVT244A DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT244A PW
7LVT244APW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1OE
1A0
2Y3
1A1
2Y2
1A2
2Y1
1A3
2Y0
1Y3
GND
2A1
1Y2
2A2
1Y1
2A3
1Y0
2OE
VCC
2A0
SV00010
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 4, 6, 8
1A0 – 1A3
Data inputs
11. 13, 15, 17
2A0 – 2A3
Data inputs
18, 16, 14, 12
1Y0 – 1Y3
Data outputs
9, 7, 5, 3
2Y0 – 2Y3
Data outputs
1, 19
1OE, 2OE
Output enables
10
GND
Ground (0V)
20
VCC
Positive supply voltage


同様の部品番号 - 74LVT244APW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT244APW NXP-74LVT244APW Datasheet
99Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244APW NEXPERIA-74LVT244APW Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVT244APW-Q100 NEXPERIA-74LVT244APW-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
More results

同様の説明 - 74LVT244APW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244B PHILIPS-74LVT244B Datasheet
91Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Nov
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com