データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145484DW データシート(PDF) 5 Page - Motorola, Inc

部品番号 MC145484DW
部品情報  5V PCM CODEC-FILTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145484DW データシート(HTML) 5 Page - Motorola, Inc

  MC145484DW Datasheet HTML 1Page - Motorola, Inc MC145484DW Datasheet HTML 2Page - Motorola, Inc MC145484DW Datasheet HTML 3Page - Motorola, Inc MC145484DW Datasheet HTML 4Page - Motorola, Inc MC145484DW Datasheet HTML 5Page - Motorola, Inc MC145484DW Datasheet HTML 6Page - Motorola, Inc MC145484DW Datasheet HTML 7Page - Motorola, Inc MC145484DW Datasheet HTML 8Page - Motorola, Inc MC145484DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MC145484
MOTOROLA
5
FUNCTIONAL DESCRIPTION
ANALOG INTERFACE AND SIGNAL PATH
The transmit portion of this device includes a low–noise,
three–terminal op amp capable of driving a 2 k
Ω load. This
op amp has inputs of TI+ (Pin 19) and TI– (Pin 18) and its
output is TG (Pin 17). This op amp is intended to be confi-
gured in an inverting gain circuit. The analog signal may be
applied directly to the TG pin if this transmit op amp is inde-
pendently powered down by connecting the TI+ input to the
VDD power supply. The TG pin becomes high impedance
when the transmit op amp is powered down. The TG pin is
internally connected to a 3–pole anti–aliasing pre–filter. This
pre–filter incorporates a 2–pole Butterworth active low–pass
filter, followed by a single passive pole. This pre–filter is fol-
lowed by a single–ended to differential converter that is
clocked at 512 kHz. All subsequent analog processing uti-
lizes fully–differential circuitry. The next section is a fully–dif-
ferential, 5–pole switched–capacitor low–pass filter with a
3.4 kHz frequency cutoff. After this filter is a 3–pole
switched–capacitor high–pass filter having a cutoff fre-
quency of about 200 Hz. This high–pass stage has a trans-
mission zero at dc that eliminates any dc coming from the
analog input or from accumulated op amp offsets in the pre-
ceding filter stages. The last stage of the high–pass filter is
an autozeroed sample and hold amplifier.
One bandgap voltage reference generator and digital–to–
analog converter (DAC) are shared by the transmit and re-
ceive sections. The autozeroed, switched–capacitor
bandgap reference generates precise positive and negative
reference voltages that are virtually independent of tempera-
ture and power supply voltage. A binary–weighted capacitor
array (CDAC) forms the chords of the companding structure,
while a resistor string (RDAC) implements the linear steps
within each chord. The encode process uses the DAC, the
voltage reference, and a frame–by–frame autozeroed
comparator to implement a successive–approximation con-
version algorithm. All of the analog circuitry involved in the
data conversion (the voltage reference, RDAC, CDAC, and
comparator) are implemented with a differential architecture.
The receive section includes the DAC described above, a
sample and hold amplifier, a 5–pole, 3400 Hz switched ca-
pacitor low–pass filter with sinX/X correction, and a 2–pole
active smoothing filter to reduce the spectral components of
the switched capacitor filter. The output of the smoothing fil-
ter is buffered by an amplifier, which is output at the RO– pin.
This output is capable of driving a 2 k
Ω load to the VAG pin.
The MC145484 also has a pair of power amplifiers that are
connected in a push–pull configuration. The PI pin is the in-
verting input to the PO– power amplifier. The non–inverting
input is internally tied to the VAG pin. This allows this amplifier
to be used in an inverting gain circuit with two external resis-
tors. The PO+ amplifier has a gain of minus one, and is in-
ternally connected to the PO– output. This complete power
amplifier circuit is a differential (push–pull) amplifier with ad-
justable gain that is capable of driving a 300
Ω load to
+ 12 dBm. The power amplifier may be powered down inde-
pendently of the rest of the chip by connecting the PI pin to
VDD.
POWER–DOWN
There are two methods of putting this device into a low
power consumption mode, which makes the device nonfunc-
tional and consumes virtually no power. PDI is the power–
down input pin which, when taken low, powers down the
device. Another way to power the device down is to hold both
the FST and FSR pins low while the BCLKT and MCLK pins
are clocked. When the chip is powered down, the VAG, TG,
RO–, PO+, PO–, and DT outputs are high impedance and
the VAG Ref pin is pulled to the VDD power supply with a non–
linear, high–impedance circuit. To return the chip to the pow-
er–up state, PDI must be high and the FST frame sync pulse
must be present while the BCLKT and MCLK pins are
clocked. The DT output will remain in a high–impedance
state for at least two 8 kHz FST pulses after power–up.
MASTER CLOCK
Since this codec–filter design has a single DAC architec-
ture, the MCLK pin is used as the master clock for all analog
signal processing including analog–to–digital conversion,
digital–to–analog conversion, and for transmit and receive fil-
tering functions of this device. The clock frequency applied to
the MCLK pin may be 256 kHz, 512 kHz, 1.536 MHz,
1.544 MHz, 2.048 MHz, 2.56 MHz, or 4.096 MHz. This de-
vice has a prescaler that automatically determines the proper
divide ratio to use for the MCLK input, which achieves the re-
quired 256 kHz internal sequencing clock. The clocking re-
quirements of the MCLK input are independent of the PCM
data transfer mode (i.e., Long Frame Sync, Short Frame
Sync, IDL mode, or GCI mode).
DIGITAL I/O
The MC145484 is pin selectable for Mu–Law or A–Law.
Table 1 shows the 8–bit data word format for positive and
negative zero and full scale for both companding schemes.
Table 2 shows the series of eight PCM words for both Mu–
Law and A–Law that correspond to a digital milliwatt. The
digital mW is the 1 kHz calibration signal reconstructed by
the DAC that defines the absolute gain or 0 dBm0 Transmis-
sion Level Point (TLP) of the DAC. The timing for the PCM
data transfer is independent of the companding scheme se-
lected. Refer to Figure 2 for a summary and comparison of
the four PCM data interface modes of this device.


同様の部品番号 - MC145484DW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
MC145484 NXP-MC145484 Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
More results

同様の説明 - MC145484DW

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com