データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145405P データシート(PDF) 5 Page - Motorola, Inc

部品番号 MC145405P
部品情報  DRIVER / RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145405P データシート(HTML) 5 Page - Motorola, Inc

  MC145405P Datasheet HTML 1Page - Motorola, Inc MC145405P Datasheet HTML 2Page - Motorola, Inc MC145405P Datasheet HTML 3Page - Motorola, Inc MC145405P Datasheet HTML 4Page - Motorola, Inc MC145405P Datasheet HTML 5Page - Motorola, Inc MC145405P Datasheet HTML 6Page - Motorola, Inc MC145405P Datasheet HTML 7Page - Motorola, Inc MC145405P Datasheet HTML 8Page - Motorola, Inc MC145405P Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC145403
•MC145404•MC145405•MC145408
MOTOROLA
5
Figure 1. Power–Off Source Resistance
Illustrated for MC145408
DI5
14
124
11
VDD
16
18
20
22
9
3
5
7
13
12
GND
VDD VCC
DI4
DI3
DI2
DI1
Tx5
Tx4
Tx3
Tx2
Tx1
Vin = ± 2 V
R
out +
V
in
I
Figure 2. Switching Characteristics
50%
DI
+ 3 V
0 V
tf
10%
90%
tr
tPHL
tPLH
VOL
VOH
Tx
DRIVERS
50%
Rx
+ 3 V
0 V
tf
10%
90%
tr
tPHL
tPLH
VOL
VOH
DO
RECEIVERS
Figure 3. Slew Rate Characteristics
Tx
+ 3 V
tSHL
DRIVERS
+ 3 V
tSLH
– 3 V
– 3 V
Slew Rate =
6 V
tSLH or tSHL
PIN DESCRIPTIONS
VCC
Digital Power Supply
The digital supply pin, which is connected to the logic
power supply (+ 5.5 V maximum).
GND
Ground
Ground return pin is typically connected to the signal
ground pin of the EIA–232–E connector (Pin 7) as well as to
the logic power supply ground.
VDD
Most Positive Device Pin
The most positive power supply pin, which is typically + 5
to + 12 V.
VSS
Most Negative Device Pin
The most negative power supply pin, which is typically – 5
to – 12 V.
Rx1 – Rx
n
Receive Data Input Pins
These are the EIA–232–E receive signal inputs. A voltage
between + 3 and + 25 V is decoded as a space, and causes
the corresponding DO pin to swing to ground (0 V). A voltage
between – 3 and – 25 V is decoded as a mark, and causes
the corresponding DO pin to swing to VCC.
DO1 – DO
n
Data Output Pins
These are the receiver digital output pins which swing from
VCC to GND. Each output pin is capable of driving one
LSTTL input load.


同様の部品番号 - MC145405P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC145405P LANSDALE-MC145405P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results

同様の説明 - MC145405P

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM202 AD-ADM202_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
ADM203 AD-ADM203_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
logo
Texas Instruments
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1_09 Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
logo
Holt Integrated Circuit...
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
logo
Silicon image
SII1000 SILICONIMAGE-SII1000 Datasheet
106Kb / 2P
   PanelLink Receivers
logo
Unisonic Technologies
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
   DRIVERS/RECEIVERS
UT3223 UTC-UT3223_17 Datasheet
249Kb / 9P
   DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com