データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74ACT350N データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC74ACT350N
部品情報  4-BIT SHIFTER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT350N データシート(HTML) 2 Page - Motorola, Inc

  MC74ACT350N Datasheet HTML 1Page - Motorola, Inc MC74ACT350N Datasheet HTML 2Page - Motorola, Inc MC74ACT350N Datasheet HTML 3Page - Motorola, Inc MC74ACT350N Datasheet HTML 4Page - Motorola, Inc MC74ACT350N Datasheet HTML 5Page - Motorola, Inc MC74ACT350N Datasheet HTML 6Page - Motorola, Inc MC74ACT350N Datasheet HTML 7Page - Motorola, Inc MC74ACT350N Datasheet HTML 8Page - Motorola, Inc MC74ACT350N Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC74AC350 MC74ACT350
5-2
FACT DATA
FUNCTIONAL DESCRIPTION
The MC74AC350/74ACT350 is operationally equivalent to
a 4-input multiplexer with the inputs connected so that the
select code causes successive one-bit shifts of the data word.
This internal connection makes it possible to perform shifts of
0, 1, 2 or 3 places on words of any length.
A 7-bit data word is introduced at the In inputs and is shifted
according to the code applied to the select inputs S0, S1.
Outputs O0–O3 are 3-state, controlled by an active-LOW
output enable (OE). When OE is LOW, data outputs will follow
selected data inputs; when HIGH, the data outputs will be
forced to the high-impedance state. This feature allows
shifters to be cascaded on the same output lines or to a
common bus. The shift function can be logical, with zeros
pulled in at either or both ends of the shifting field; arithmetic,
where the sign bit is repeated during a shift down; or end
around, where the data word forms a continuous loop.
LOGIC EQUATIONS
O0=S0 S1 I0+S0 S1 I–1+S0 S1 I–2+S0 S1 I–3
O1=S0 S1 I1+S0 S1 I0+S0 S1 I–1+S0 S1 II–2
O2=S0 S1 I2+S0 S1 I1+S0 S1 I0+S0 S1 I–1
O3=S0 S1 I3+S0 S1 I2+S0 S1 I1+S0 S1 I0
LOGIC DIAGRAM
I–3
I–2
I–1
I0
I1
I2
I3
S1
S0
OE
O0
O1
O2
O3


同様の部品番号 - MC74ACT350N

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74ACT352 MOTOROLA-MC74ACT352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74ACT352 ONSEMI-MC74ACT352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
logo
Motorola, Inc
MC74ACT352D MOTOROLA-MC74ACT352D Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74ACT352N MOTOROLA-MC74ACT352N Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74ACT353 MOTOROLA-MC74ACT353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

同様の説明 - MC74ACT350N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
   4-Bit Shifter with 3-STATE Outputs
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
HD151015 RENESAS-HD151015 Datasheet
203Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
SN74S350 AMD-SN74S350 Datasheet
116Kb / 2P
   Four-Bit Shifter With Three-State Outputs
logo
Motorola, Inc
MC5474F569 MOTOROLA-MC5474F569 Datasheet
187Kb / 6P
   4-BIT BIDIRECTIONAL COUNTERS (WITH 3-STATE OUTPUTS)
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS561A TI-SN54ALS561A Datasheet
154Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com