データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC541 データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC74AC541
部品情報  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC541 データシート(HTML) 1 Page - Motorola, Inc

  MC74AC541 Datasheet HTML 1Page - Motorola, Inc MC74AC541 Datasheet HTML 2Page - Motorola, Inc MC74AC541 Datasheet HTML 3Page - Motorola, Inc MC74AC541 Datasheet HTML 4Page - Motorola, Inc MC74AC541 Datasheet HTML 5Page - Motorola, Inc MC74AC541 Datasheet HTML 6Page - Motorola, Inc MC74AC541 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-1
FACT DATA
Octal Buffer/Line Driver
with 3State Outputs
The MC74AC540/74ACT540 and MC74AC541/74ACT541 are octal buffer/line
drivers designed to be employed as memory and address drivers, clock drivers and
bus oriented transmitter/receivers. The MC74AC541/74ACT541 is a noninverting
option of the MC74AC540/74ACT540.
These devices are similar in function to the MC74AC240/74ACT240 and
MC74AC244/74ACT244 while providing flow-through architecture (inputs on opposite
side from outputs). This pinout arrangement makes these devices especially useful
as output ports for microprocessors, allowing ease of layout and greater PC board
density.
• 3-State Outputs
• Inputs and Outputs Opposite Side of Package, Allowing
Easier Interface to Microprocessors
• Outputs Source/Sink 24 mA
• MC74AC540/74ACT540 Provides Inverted Outputs
• MC74AC541/74ACT541 Provides Noninverted Outputs
• ′ACT540 and ′ACT541 Have TTL Compatible Inputs
TRUTH TABLE
Inputs
Outputs
OE1
OE2
D
′540
′541
L
L
H
L
H
H
X
X
Z
Z
X
H
X
Z
Z
L
L
L
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
MC74AC540
MC74ACT540
MC74AC541
MC74ACT541
OCTAL
BUFFER/LINE DRIVER
WITH 3-STATE
OUTPUTS
N SUFFIX
CASE 738-03
PLASTIC
DW SUFFIX
CASE 751D-04
PLASTIC
1
OE1
2
3
4
5
6
7
8
9
10
GND
20
19
18
17
16
15
14
13
12
11
VCC
OE2
MC74AC540/74ACT540
1
OE1
2
3
4
5
6
7
8
9
10
GND
20
19
18
17
16
15
14
13
12
11
VCC
OE2
MC74AC541/74ACT541


同様の部品番号 - MC74AC541

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC541 ONSEMI-MC74AC541 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC541DTR2 ONSEMI-MC74AC541DTR2 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC541DTR2G ONSEMI-MC74AC541DTR2G Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74AC541DTR2G ONSEMI-MC74AC541DTR2G Datasheet
103Kb / 10P
   Octal Buffer/Line Driver with 3-State Outputs
March, 2015 ??Rev. 9
MC74AC541DW ONSEMI-MC74AC541DW Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
More results

同様の説明 - MC74AC541

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com