データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT574PW データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74LVT574PW
部品情報  3.3V Octal D-type flip-flop 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT574PW データシート(HTML) 2 Page - NXP Semiconductors

  74LVT574PW Datasheet HTML 1Page - NXP Semiconductors 74LVT574PW Datasheet HTML 2Page - NXP Semiconductors 74LVT574PW Datasheet HTML 3Page - NXP Semiconductors 74LVT574PW Datasheet HTML 4Page - NXP Semiconductors 74LVT574PW Datasheet HTML 5Page - NXP Semiconductors 74LVT574PW Datasheet HTML 6Page - NXP Semiconductors 74LVT574PW Datasheet HTML 7Page - NXP Semiconductors 74LVT574PW Datasheet HTML 8Page - NXP Semiconductors 74LVT574PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVT574
3.3V Octal D-type flip-flop (3-State)
2
1998 Feb 19
853-1746 18988
FEATURES
Inputs and outputs on opposite side of package allow easy
interface to microprocessors
3-State outputs for bus interfacing
Common output enable
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Power-up 3-State
Power-up reset
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The LVT574 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device is an 8-bit, edge triggered register coupled to eight
3-State output buffers. The two sections of the device are controlled
independently by the clock (CP) and Output Enable (OE) control
gates. The state of each D input (one set-up time before the
Low-to-High clock transition) is transferred to the corresponding
flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active-Low Output Enable (OE) controls all eight 3-State buffers
independent of the clock operation.
When OE is Low, the stored data appears at the outputs. When OE
is High, the outputs are in the High-impedance “off” state, which
means they will neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CP to Qn
CL = 50pF;
VCC = 3.3V
3.6
4.3
ns
CIN
Input capacitance
VI = 0V or 3.0V
4
pF
COUT
Output capacitance
Outputs disabled;
VI/O = 0V or 3.0V
8
pF
ICCZ
Total supply current
Outputs disabled;
VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic SOL
–40
°C to +85°C
74LVT574 D
74LVT574 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT574 DB
74LVT574 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT574 PW
74LVT574PW DH
SOT360-1
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
SV00041
LOGIC SYMBOL
234
56789
11
1
CP
OE
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
19
18
17
16
15
14
13
12
SV00042


同様の部品番号 - 74LVT574PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT574PW NXP-74LVT574PW Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
More results

同様の説明 - 74LVT574PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
   3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com