データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT640PWDH データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74LVT640PWDH
部品情報  3.3V Octal transceiver with direction pin; inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT640PWDH データシート(HTML) 2 Page - NXP Semiconductors

  74LVT640PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT640PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT640PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT640PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT640PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT640PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT640PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT640PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT640PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT640
3.3V Octal transceiver with direction pin; inverting
(3-State)
2
1998 Feb 19
853-1881 18988
FEATURES
Octal bidirectional bus interface
3-State buffers
Output capability: +64mA/-32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
Power-up 3-State
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The LVT640 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device is an octal transceiver featuring inverting 3-State bus
compatible outputs in both send and receive directions. The control
function implementation minimizes external timing requirements.
The device features an Output Enable (OE) input for easy cascading
and a Direction (DIR) input for direction control.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF;
VCC = 3.3V
2.3
2.4
ns
CIN
Input capacitance
DIR, OE
VI = 0V or 3.0V
4
pF
CI/O
I/O pin capacitance
Outputs disabled; VI/O = 0V or 3.0V
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic SO
–40
°C to +85°C
74LVT640 D
74LVT640 D
SOT163-1
20-Pin Plastic SSOP
–40
°C to +85°C
74LVT640 DB
74LVT640 DB
SOT339-1
20-Pin Plastic TSSOP
–40
°C to +85°C
74LVT640 PW
74LVT640PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B2
B3
B4
B5
B6
B7
SV00014
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
DIR
Direction control input
2, 3, 4, 5, 6, 7, 8, 9
A0 – A7
Data inputs/outputs (A side)
18, 17, 16, 15, 14,
13, 12, 11
B0 – B7
Data inputs/outputs (B side)
19
OE
Output enable input
(active–Low)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


同様の部品番号 - 74LVT640PWDH

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVT640PW NEXPERIA-74LVT640PW Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
More results

同様の説明 - 74LVT640PWDH

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
   3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com