データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1229 データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1229
部品情報  I2C Compatible CMOS TV RGB and Deflection Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229 データシート(HTML) 3 Page - National Semiconductor (TI)

  LM1229 Datasheet HTML 1Page - National Semiconductor (TI) LM1229 Datasheet HTML 2Page - National Semiconductor (TI) LM1229 Datasheet HTML 3Page - National Semiconductor (TI) LM1229 Datasheet HTML 4Page - National Semiconductor (TI) LM1229 Datasheet HTML 5Page - National Semiconductor (TI) LM1229 Datasheet HTML 6Page - National Semiconductor (TI) LM1229 Datasheet HTML 7Page - National Semiconductor (TI) LM1229 Datasheet HTML 8Page - National Semiconductor (TI) LM1229 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage V
CC, Pins 12, 27, 30,
49, 56, 61, 63
6.0V
Peak Video DC Output Source Current
(Any One Amp) Pins 57, 58 or 59
1.0 mA
Voltage at Any Input Pin (V
IN)VCC –0.5V
≤ V
IN
≤ V
CC+0.5V
Video Inputs (pk-pk)
0V
≤ V
IN
≤ 1.2V
Power Dissipation (P
D)
(Above 25˚C Derate Based
on
θ
JA and TJ)
1.8W
Thermal Resistance LM1229VEC (
θ
JA)
35 ˚C/W
Thermal Resistance LM1229YA (
θ
JA)
DAP not soldered
41 ˚C/W
Thermal Resistance LM1229YA (
θ
JA)
DAP soldered
27 ˚C/W
Junction Temperature (T
J)
150˚C
ESD Susceptibility (Note 4)
3.5 kV
ESD Machine Model (Note 13)
350V
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
265˚C
Operating Ratings (Note 3)
Temperature Range
0˚C to +70˚C
Supply Voltage V
CC
4.75V
≤ V
CC
≤ 5.25V
Video Inputs (peak-peak)
0V
≤ V
IN
≤ 1.0V
Video Signal Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.70 VP-P,VABL =VCC,CL = 10 pF, Video Outputs = 2.4 VP-P. See
(Note 7) for Min and Max parameters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
S
Supply current
No output loading. See (Note 8).
260
330
mA
I
S-PS
Supply current, power save
mode.
No output loading. See (Note 8).
100
125
mA
V
OB TYP
Active video black level output.
No input signal, DC offset = 0x3.
1.25
V
V
OB MIN
Active video minimum black level
output.
No input signal, DC offset = 0xF(min).
0.5
V
V
OB MAX
Active video maximum black level
output.
No input signal, DC offset = 0x0(max).
1.45
V
V
OB STEP
Active video black level step size. No input signal. Varying DC offset.
65
mV
V
OB MIN BRITE
Active video minimum black level
output.
No input signal, DC offset = 0x3,
gain = 0x7F, brightness.= 0xFF(min).
0.8
V
V
OB MAX BRITE
Active video maximum black level
output.
No input signal, DC offset = 0x3,
gain = 0x7F, brightness.= 0x00(max).
1.65
V
V
OBB STEP
Active video brightness step size. No input signal, DC offset = 0x3,
varying brightness.
6.3
mV
V
O MAX
Maximum video output.
Video in = 0.70 V
P-P, contrast = 0x7F,
brightness = 0x0, DC offset = 0x3
4.75
V
LE
Linearity error.
Staircase input signal. See (Note 9).
5
%
t
R
Video rise time.
(Note 5), 10% to 90%, AC input
signal.
8ns
OS
R
Rising edge overshoot.
(Note 5), AC input signal.
2
%
t
F
Video fall time.
(Note 5), 90% to 10%, AC input
signal.
8ns
OS
F
Falling edge overshoot.
(Note 5), AC input signal.
2
%
BW
Channel bandwidth (−3 dB)
(Note 5), AC input signal.
70
MHz
SEP
10 kHz
Video amplifier 10 kHz isolation.
(Note 14).
70
dB
SEP
10 MHz
Video amplifier 10 MHz isolation.
(Note 14).
50
dB
A
V MAX
Maximum voltage gain.
Video in = 0.70 V
P-P, Maximum
contrast and gain, V
ABL = 5.0V.
4.35
V/V
A
V 50% CONT
Contrast attenuation @ 50%.
Maximum gain, V
ABL = 5.0V.
–5.15
dB
A
V MIN/
A
V MAX
Maximum contrast attenuation.
Maximum gain, V
ABL = 5.0V.
–20.5
dB
A
V 50% GAIN
Gain attenuation @ 50%.
Maximum contrast, V
ABL = 5.0V.
–4.15
dB
www.national.com
3


同様の部品番号 - LM1229

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
More results

同様の説明 - LM1229

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com