データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1229 データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1229
部品情報  I2C Compatible CMOS TV RGB and Deflection Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229 データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1229 Datasheet HTML 2Page - National Semiconductor (TI) LM1229 Datasheet HTML 3Page - National Semiconductor (TI) LM1229 Datasheet HTML 4Page - National Semiconductor (TI) LM1229 Datasheet HTML 5Page - National Semiconductor (TI) LM1229 Datasheet HTML 6Page - National Semiconductor (TI) LM1229 Datasheet HTML 7Page - National Semiconductor (TI) LM1229 Datasheet HTML 8Page - National Semiconductor (TI) LM1229 Datasheet HTML 9Page - National Semiconductor (TI) LM1229 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Deflection Signal Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.7V, VABL =VCC,CL = 10 pF, See (Note 7) for Min and Max param-
eters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
HDO
HDRIVE Max sink current
10
mA
V
HDOH
HDRIVE Max high level output
voltage
5V
δ
HDRIVE Duty cycle
During normal use
50
%
t
ON
Delay to 50% duty cycle
60
lines
t
JITTER
Jitter (Note 19)
Measured at 31 kHz scan
frequency
1.8
ns
f
VMIN
Minimum vertical lock frequency
50
Hz
f
VMAX
Maximum vertical lock frequency
120
Hz
f
VFR
Vertical free run frequency
30
Hz
V
MAXRAMPOUT
Maximum ramp amplitude
VSIZE[7:0] = 0xFF
1.7
2.2
V
V
VMINRAMPOUT
Minimum ramp amplitude
VSIZE[7:0] = 0x00
1.4
1.9
V
V
RAMPDCOUT
Vertical ramp DC reference voltage
2.5
V
∆V
RAMP/
∆V
EHT1
Ramp amplitude reduction with
V
EHT1
VEHT[3:0] varied from 0x0 to 0xF
0
−4.4
%/V
R
IN-VEHT1
Pin 8 input resistance
1
M
∆V
EW/
∆V
EHT2
Change in EW output level with
V
EHT2
VEHT[7:4] varied from 0x0 to 0xF
0
348
mV/V
R
IN-VEHT2
Pin 9 input resistance
50
k
k
S
S correction range
0
10
%
k
C
C correction range
−11
11
%
V
DF
Dynamic Focus Amplitude
DYN_FOCUS[6:0] = 0x7F
1.1
V
V
EW
Maximum E-W amplitude
peak-peak
PIN[6:0] = 0x7F
1.2
V
I
EW
E-W output current
−3
3
mA
V
EWDCMIN
EW output DC at middle of
parabola
HSIZE[6:0] = 0x00
1.4
V
V
EWDCMAX
EW output DC at middle of
parabola
HSIZE[6:0] = 0x7F
2.5
V
V
EWTRAP
Trapezoid correction parabola tilt
Beginning and end of parabola shift
oppositely and equally. PIN[6:0] =
0x00, T_CORNER[6:0],
B_CORNER[6:0] = 0x3F.
±0.375
V
V
EWCORNER
Corner correction shift at end points Top & bottom adjusted
independently. PIN [6:0] = 0x00,
TRAP[6:0] = 0x3F.
±0.375
V
V
EWPIN
Pin correction amplitude
TRAP[6:0], T_CORNER[6:0],
B_CORNER[6:0] = 0x3F.
0
1.8
V
System Interface Signal Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.7V, VABL =VCC,CL = 10 pF, Video Outputs = 2.4 VP-P. See (Note 7)
for Min and Max parameters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
SPOT
Spot Killer Voltage
(Note 16), V
CC Adjusted to Activate
4.0
V
V
REF
V
REF output voltage (pin 2)
1.2
V
V
IL
Logic low input voltage
(SCL, SDA, HSYNC, VSYNC)
−0.5
1.5
V
V
IH
Logic high input voltage
(SCL, SDA, HSYNC, VSYNC)
3.0
V
CC +
0.5
V
www.national.com
6


同様の部品番号 - LM1229

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
More results

同様の説明 - LM1229

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com