データシートサーチシステム |
|
LM1229 データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
LM1229 データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 27 page LM1229 I 2C Compatible CMOS TV RGB and Deflection Processor General Description The LM1229 pre-amp is an integrated CMOS CRT RGB preamp plus horizontal and vertical deflection processing with an I 2C compatible interface for controlling all the param- eters necessary to directly adjust the gain, contrast and brightness and geometry of the CRT display. In the RGB section, the CRT bias is controlled by the three DAC outputs which are matched to the LM248x integrated bias clamp ICs. The brightness control operates on the video channels rather than the bias channels and is designed to maintain the CRT color temperature through the full range of adjustment. The On Screen Display inputs accept either digital or analog input levels. Black level clamping of the video signal is carried out directly on the AC coupled input signal into the high impedance preamplifier input, thus elimi- nating the need for additional clamp capacitors. Blanking inputs are provided which can accept both horizontal and vertical flyback inputs for composite blanking of the video. A vertical blanking output pulse is provided which can drive a G1 blanking amplifier such as the one in National’s LM2485 clamp IC. The LM1229 RGB outputs are compatible with National’s high gain drivers (http://www.national.com). The Deflection section uses a 12.0 MHz resonator and with it the horizontal processor is capable of locking to seven different television signal formats, 15.734, 28.1, 31.468, 33.7, 37.9, 45.0, and 48.08 kHz by configuring two external tri-state pins. The resonator frequency can be scaled up or down by as much as 5% to accommodate custom scan frequencies, however all scan modes will be scaled up or down by the same percentage. Additional inputs are pro- vided for H and V synchronization, X-Ray protection, V scan protection, and H and V EHT compensation. Deflection out- put signals are provided for horizontal drive, variable ampli- tude vertical ramp, vertical ramp reference voltage, variable amplitude dynamic focus, and E-W correction with DC level adjustment for size. A status register is also provided for the system microcon- troller to read and check for failure conditions. The IC is packaged in an industry standard 64 lead LQFP molded plastic package. Features n Fully bus controllable via an I 2C compatible interface. n Contrast control for simultaneously adjusting the RGB output peak to peak levels. n Gain controls for aligning the CRT color temperature. n Color tracking brightness control for maintaining color temperature throughout the full range of adjustment. n Black level clamping to ensure output level stability. The polarity of the logic pulse input is register selectable. n Digital or analog RGB OSD inputs, with adjustable transparency available in the digital mode and clamping in the analog mode for black level stability. n Choice of four levels of OSD amplitude. n Window highlight using the OSD Transparency feature. n ABL input for reducing the video contrast when the CRT beam current exceeds the predetermined threshold set by an external resistor. n Horizontal and/or vertical blanking directly from deflection signals. The blanking can be disabled, if desired. n Matched to National’s driver and clamp IC families (http://www.national.com). n Black level output adjustable from 0.5V to 1.4V for compatibility with NSC CRT driver IC’s with or without PNP transistor buffers. n Three DAC outputs for setting CRT cathode bias, which can be set to full or half scale like the LM1267 series of preamplifiers. n Spot killer which blanks the video outputs when V CC falls below the specified threshold. n RGB Power Saving Mode with 35% power reduction. n Support for seven different TV signal formats. n RGB blanking for scan loss protection. n I 2C control over horizontal and vertical position and size, pincushion, pin balance, trapezoidal, parallelogram, top and bottom corner corrections, vertical S and C correction, and dynamic focus amplitude. n Programmable duration 5V vertical blanking output pulse. n Uses a low cost resonator. n Status register indicating vertical scan loss, X-Ray, horizontal flyback and horizontal lock status. n Blanks the RGB outputs whenever the loss of vertical scan is detected. n Independent control over horizontal and vertical sync input polarities. Applications n Television deflection and RGB video processing with National’s CRT drivers. June 2005 © 2005 National Semiconductor Corporation DS201187 www.national.com |
同様の部品番号 - LM1229 |
|
同様の説明 - LM1229 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |