データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1229VEC データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1229VEC
部品情報  I2C Compatible CMOS TV RGB and Deflection Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229VEC データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1229VEC Datasheet HTML 6Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 7Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 8Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 9Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 10Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 11Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 12Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 13Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Application Information
PIN CONNECTIONS
Pin
No.
Pin Name
Schematic
Description
1
2
C
ALC
C
OSC
C
ALC is the feedback loop filter which maintains
constant vertical ramp amplitude according to the
value set in the vertical height register.
C
OSC is the capacitor which determines the
slope of the vertical ramp.
3
4
VDRIVE
OUT
VDRIVE
REF
These two outputs provide the inputs to a
vertical output amplifier which drives the vertical
yoke winding. Since the VDRIVE
OUT amplitude is
from 1.5V to 2.5V peak to peak, the gain of the
output amplifier must be set with external
resistors to match the vertical yoke being used.
The VDRIVE
OUT slope is positive (increasing
voltage with time).
5
6
7
23
54
V
REF Caps
Provides filtering for the internal voltages which
set the internal bias currents in conjunction with
R
EXT. For proper filtering, pins 5, 6 and 7 should
be 10 µF, pin 23 should be 54 µF and pin 54
should be .01 µF. These capacitors should be
placed as close to their pins as possible.
8
VEHT1
This input pin is used to control the height of the
vertical ramp based on changes in the high
voltage. A 1V negative change at pin 8 causes a
maximum of 5% reduction in the ramp amplitude
when the VEHT[3:0] is set to 0xF. If this pin is
not used, bit 3 of the SYNCPOL register should
be set to 1. The values shown give a 350 mV
change at pin 8 from a 2.5V change at the ABL
pin.
9
VEHT2
This input pin is used to control the level of the
E-W parabola based on changes in the high
voltage. A 1V negative change at pin 9 causes a
maximum of 300 mV increase in the ramp DC
level when the VEHT[7:4] is set to 0xF. If this pin
is unused, bit 4 of the SYNCPOL register should
be set to 1. The values shown give a 350 mV
change at pin 9 from a 2.5V change at the ABL
pin.
www.national.com
10


同様の部品番号 - LM1229VEC

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
More results

同様の説明 - LM1229VEC

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com