データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX16805 データシート(PDF) 1 Page - Maxim Integrated Products

部品番号 MAX16805
部品情報  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16805 データシート(HTML) 1 Page - Maxim Integrated Products

  MAX16805 Datasheet HTML 1Page - Maxim Integrated Products MAX16805 Datasheet HTML 2Page - Maxim Integrated Products MAX16805 Datasheet HTML 3Page - Maxim Integrated Products MAX16805 Datasheet HTML 4Page - Maxim Integrated Products MAX16805 Datasheet HTML 5Page - Maxim Integrated Products MAX16805 Datasheet HTML 6Page - Maxim Integrated Products MAX16805 Datasheet HTML 7Page - Maxim Integrated Products MAX16805 Datasheet HTML 8Page - Maxim Integrated Products MAX16805 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX16805/MAX16806 LED drivers eliminate the
need for microcontrollers or switch-mode converters for
automotive interior dome, map, and courtesy light
applications. An EEPROM-programmable LED current-
sense reference simplifies production by using one
sense resistor to set the LED current for all LED bins. A
dual-mode DIM pin and an on-board 200Hz ramp gen-
erator allow for PWM dimming with an analog or PWM
control signal. The analog control signal at dimming
input DIM allows for the “theater dimming” effect to be
implemented. Fast turn-on/-off times ensure a wide-
range PWM operation, while waveshaping circuitry min-
imizes EMI. EEPROM-programmable LED current
foldback makes it possible to operate at a high input
voltage, while saving the cost and space associated
with having a large heatsink. The MAX16806 works with
an external thermal sensor to maintain maximum LED
junction temperature by folding back the LED current.
The thermal foldback temperature knee and slope are
EEPROM programmable. The MAX16806 SW pin sup-
plies necessary wetting current to a momentary switch.
Applications
Automotive Interior: Map, Dome, and Courtesy
Lighting
Automotive Exterior:
Rear Combination Light (RCL)
Daytime Running Light (DRL)
Adaptive Front Light
Emergency Vehicle Warning Lights
Navigation and Marine Indicators
Features
o EEPROM or I2C* Dynamically Programmable:
LED Current Foldback for High Input Voltage
LED Current Reference
LED Current Thermal Foldback (MAX16806)
o On-Board 200Hz Ramp Generator Eliminates the
Need for µC PWM Signal
o Flexible Analog or PWM Control for PWM or
Theater Dimming
o Wetting Current and Debounce for Momentary
Switch (MAX16806)
o 5.5V to 40V Input with Up to 39V Output Capability
o 35mA to 350mA Adjustable LED Current
o Waveshaping Minimizes EMI During Dimming
o Output Short-Circuit and Overtemperature
Protection
o -40°C to +125°C Operating Temperature Range
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-0625; Rev 0; 8/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*
Purchase of I2C components from Maxim Integrated Products,
Inc. or one of its sublicensed Associated Companies, conveys
a license under the Philips I2C Patent Rights to use these com-
ponents in an I2C system, provided that the system conforms
to the I2C Standard Specification as defined by Philips.
Pin Configurations appear at end of data sheet.
+
Denotes lead-free package.
**
EP = Exposed pad.
PART
TEMP RANGE
PIN
PACKAGE
PKG
CODE
MAX16805ATP+ -40°C to +125°C 20 TQFN-EP** T2055M-5
MAX16806ATP+ -40°C to +125°C 20 TQFN-EP** T2055M-5
MAX16805
IN
OUT
V5
LEDs
ILED
RSENSE
0.1
µF
+5.5V TO +40V
+5V REG
CS+
0.1
µF
CS-
DIM
GND
EN
V5
ANALOG CONTROL PWM DIMMING
SCL
SDA
SERIAL CLOCK
SERIAL DATA
ILED
MAX16806
MAX6613†
IN
OUT
V5
LEDs
RSENSE
0.1
µF
+5.5V TO +40V
PWM CONTROL DIMMING
+5V REG
CS+
0.1
µF
CS-
DIM
PWM DIMMING
GND
EN
TFP/SCL
TFN/SDA
VCC
V5
GND
OUT
SW
†MAX6613 THERMAL SENSOR IS OPTIONAL.
Typical Operating Circuits


同様の部品番号 - MAX16805

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
More results

同様の説明 - MAX16805

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com