データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS28225 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS28225
部品情報  High-Frequency 4-A Sink Synchronous MOSFET Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS28225 データシート(HTML) 1 Page - Texas Instruments

  TPS28225 Datasheet HTML 1Page - Texas Instruments TPS28225 Datasheet HTML 2Page - Texas Instruments TPS28225 Datasheet HTML 3Page - Texas Instruments TPS28225 Datasheet HTML 4Page - Texas Instruments TPS28225 Datasheet HTML 5Page - Texas Instruments TPS28225 Datasheet HTML 6Page - Texas Instruments TPS28225 Datasheet HTML 7Page - Texas Instruments TPS28225 Datasheet HTML 8Page - Texas Instruments TPS28225 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS28225
SLUS710 – MAY 2006
High-Frequency 4-A Sink Synchronous MOSFET Driver
Drives Two N-Channel MOSFETs with 14-ns
The TPS28225 is a high-speed driver for N-channel
Adaptive Dead Time
complimentary driven power MOSFETs with adaptive
dead-time control. This driver is optimized for use in
Wide Gate Drive Voltage: 4.5V Up to 8.8V
variety of high-current one and multi-phase dc-to-dc
With Best Efficiency at 7V to 8V
converters. The TPS28225 is a solution that provides
Wide Power System Train Input Voltage: 3V
highly efficient, small size low EMI emmissions.
Up to 27V
The performance is achieved by up to 8.8-V gate
Wide Input PWM Signals: 2.0V up to 13.2-V
drive voltage, 14-ns adaptive dead-time control,
Amplitude
14-ns propagation delays and high-current 2-A
Capable Drive MOSFETs with
≥40-A Current
source and 4-A sink drive capability. The 0.4-
per Phase
impedance for the lower gate driver holds the gate of
power MOSFET below its threshold and ensures no
High Frequency Operation: 14ns Propagation
shoot-through current at high dV/dt phase node
Delay and 10ns Rise/Fall Time Allow Fsw -
transitions. The bootstrap capacitor charged by an
2MHz
internal diode allows use of N-channel MOSFETs in
Capable Propagate <30-ns Input PWM Pulses
half-bridge configuration.
Low-Side Driver Sink On-Resistance (0.4
Ω)
The TPS28225 features a 3-state PWM input
Prevents dV/dT Related Shoot-Through
compatible with all multi-phase controllers employing
Current
3-state output feature. As long as the input stays
3-State PWM Input for Power Stage Shutdown
within 3-state window for the 250-ns hold-off time,
the driver switches both outputs low. This shutdown
Space Saving Enable (input) and Power Good
mode
prevents
a
load
from
the
reversed-
(output) Signals on Same Pin
output-voltage.
Thermal Shutdown
The other features include under voltage lockout,
UVLO Protection
thermal shutdown and two-way enable/power good
Internal Bootstrap Diode
signal. Systems without 3-state featured controllers
can use enable/power good input/output to hold both
Economical SOIC-8 and Thermally Enhanced
outputs low during shutting down.
3-mm x 3-mm DFN-8 Packages
High Performance Replacement for Popular
The TPS28225 is offered in an economical SOIC-8
3-State Input Drivers
and thermally enhanced low-size Dual Flat No-Lead
(DFN-8) packages. The driver is specified in the
extended temperature range of –40
°C to 125°C with
the absolute maximum junction temperature 150
°C.
Multi-Phase DC-to-DC Converters with
Analog or Digital Control
Desktop and Server VRMs and EVRDs
Portable/Notebook Regulators
Synchronous Rectification for Isolated Power
Supplies
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPS28225

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS28225 TI1-TPS28225 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225D TI1-TPS28225D Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

同様の説明 - TPS28225

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
logo
ON Semiconductor
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com