データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV2022 データシート(PDF) 4 Page - Skyworks Solutions Inc.

部品番号 SMV2022
部品情報  Hyperabrupt Junction Tuning Varactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV2022 データシート(HTML) 4 Page - Skyworks Solutions Inc.

  SMV2022 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV2022 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DATA SHEET • SMV2022–SMV2023
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
January 24, 2005 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200074 Rev. C
Profile Feature
SnPb Eutectic Assembly
Lead (Pb)-Free Assembly 100% Sn
Average ramp-up rate (TL to TP)
3 °C/second max.
3 °C/second max.
Preheat
Temperature min. (TSMIN)
100 °C
150 °C
Temperature max. (TSMAX)
150 °C
200 °C
Time (min. to max.) (ts)
60–120 seconds
60–80 seconds
TSMAX to TL
Ramp-up rate
3 °C/second max.
Time maintained above:
Temperature (TL)
183 °C
217 °C
Time (tL)
60–150 seconds
60–150 seconds
Peak temperature (TP)
240 +0/-5 °C
250 +0/-5 °C
Time within 5 °C of actual peak temperature (tp)
10–30 seconds
20–40 seconds
Ramp-down rate
6 °C/second max.
6 °C/second max.
Time 25 °C to peak temperature
6 minutes max.
8 minutes max.
Recommended Solder Reflow Profiles
TP
TSMAX
TSMIN
ts
Preheat
tp
Critical Zone
TL to TL
t 25 ˚C to Peak
Time
TL
25 ˚C
Reference JEDEC J-STD-020
IL
All temperatures refer to the topside of the package, measured on the package body surface.
Reference JEDEC J-STD-020C.


同様の部品番号 - SMV2022

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV2022 SKYWORKS-SMV2022 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
SMV2022 SKYWORKS-SMV2022 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2022 SKYWORKS-SMV2022 Datasheet
646Kb / 11P
   SMV2019-SMV2023 Series: Hyperabrupt Junction Tuning Varactors
SMV2022 SKYWORKS-SMV2022 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV2022

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com