データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1986JSTZ-REEL データシート(PDF) 6 Page - Analog Devices

部品番号 AD1986JSTZ-REEL
部品情報  AC ??7 SoundMAX CODEC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1986JSTZ-REEL データシート(HTML) 6 Page - Analog Devices

Back Button AD1986JSTZ-REEL Datasheet HTML 2Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 3Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 4Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 5Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 6Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 7Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 8Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 9Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD1986
Rev. 0 | Page 6 of 52
Table 5. Analog Mixer—Input Gain/Amplifiers/Attenuators
Parameter
Min
Typ
Max
Unit
Signal-to-Noise Ratio (SNR)
CD to LINE_OUT
90
dB
LINE, AUX, PHONE to LINE_OUT1
88
dB
MIC_1 or MIC_2 to LINE_OUT1
80
dB
Step Size: All Mixer Inputs (Except PC Beep)
−1.5
dB
Step Size: PC Beep
−3.0
dB
Input Gain/Attenuation Range: All Mixer Inputs (+12 dB to −34.5 dB)
−46.5
dB
1 Guaranteed by design, not production tested.
Table 6. Digital Decimation and Interpolation Filters1
Parameter
Min
Typ
Max
Unit
Pass Band
0
0.4 × FS
Hz
Pass Band Ripple
±0.09
dB
Transition Band
0.4 × FS
0.6 × FS
Hz
Stop Band
0.6 × FS
Hz
Stop Band Rejection
−74
dB
Group Delay
16/FS
S
Group Delay Variation Over Pass Band
0
µs
Table 7. Analog-to-Digital Converters
Parameter
Min
Typ
Max
Unit
Resolution
20
Bits
Total Harmonic Distortion (THD)
−95
dB
Dynamic Range (−60 dB Input, THD + N referenced to Full Scale, A-Weighted)
−85
dB
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
−80
dB
LINE_IN to Other Inputs
−100
−80
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
±5
mV


同様の部品番号 - AD1986JSTZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ AD-AD1986ABSTZ Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ-REEL AD-AD1986ABSTZ-REEL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP AD-AD1986AJCP Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP-RL AD-AD1986AJCP-RL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results

同様の説明 - AD1986JSTZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com