データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5392BST-3 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5392BST-3
部品情報  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5392BST-3 データシート(HTML) 9 Page - Analog Devices

Back Button AD5392BST-3 Datasheet HTML 5Page - Analog Devices AD5392BST-3 Datasheet HTML 6Page - Analog Devices AD5392BST-3 Datasheet HTML 7Page - Analog Devices AD5392BST-3 Datasheet HTML 8Page - Analog Devices AD5392BST-3 Datasheet HTML 9Page - Analog Devices AD5392BST-3 Datasheet HTML 10Page - Analog Devices AD5392BST-3 Datasheet HTML 11Page - Analog Devices AD5392BST-3 Datasheet HTML 12Page - Analog Devices AD5392BST-3 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 9 of 28
PARALLEL INTERFACE
VCC = 2.7 V to 5.5 V; VDD = 11.4 V to 16.5 V; VSS = −11.4 V to −16.5 V; AGND = DGND = DUTGND = 0 V; VREF(+) = +5 V;
VREF(−) = −3.5 V, FIFOEN = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 6.
Parameter1, ,
2 3
Limit at TMIN to TMAX
Unit
Description
t0
4.5
ns min
REG0, REG1, Address to WR Rising Edge Setup Time.
t1
4.5
ns min
REG0, REG1, Address to WR Rising Edge Hold Time.
t2
10
ns min
CS Pulse Width Low.
t3
10
ns min
WR Pulse Width Low.
t4
0
ns min
CS to WR Falling Edge Setup Time.
t5
0
ns min
WR to CS Rising Edge Hold Time.
t6
4.5
ns min
Data to WR Rising Edge Setup Time.
t7
4.5
ns min
Data to WR Rising Edge Hold Time.
t8
20
ns min
WR Pulse Width High.
t9
240
ns min
Minimum WR Cycle Time (Single-Channel Write).
t104
0/30
ns min/max
WR Rising Edge to BUSY Falling Edge.
t114
330
ns max
BUSY Pulse Width Low (Single-Channel Update). See Table 11.
t12
0
ns min
BUSY Rising Edge to WR Rising Edge.
t13
30
ns min
WR Rising Edge to LDAC Falling Edge.
t14
20
ns min
LDAC Pulse Width Low.
t154
150
ns typ
BUSY Rising Edge to DAC Output Response Time.
t16
20
ns min
LDAC Rising Edge to WR Rising Edge.
t17
0
ns min
BUSY Rising Edge to LDAC Falling Edge.
t18
100
ns typ
LDAC Falling Edge to DAC Output Response Time.
t19
20/30
µs typ/ max
DAC Output Settling Time.
t20
10
ns min
CLR Pulse Width Low.
t21
350
ns max
CLR/RESET Pulse Activation Time.
t22
10
ns min
RESET Pulse Width Low.
t23
120
µs max
RESET Time Indicated by BUSY
Low.
1 Guaranteed by design and characterization; not production tested.
2 All input signals are specified with tr = tf = 2 ns (10% to 90% of VCC) and timed from a voltage level of 1.2 V.
3 See
.
Figure 6
4 Measured with load circuit in Figure 2.


同様の部品番号 - AD5392BST-3

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5392BST-3 AD-AD5392BST-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5392BST-3 AD-AD5392BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BST-3-REEL AD-AD5392BST-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

同様の説明 - AD5392BST-3

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com