データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC174RM13TR データシート(PDF) 5 Page - STMicroelectronics

部品番号 M74HC174RM13TR
部品情報  HEX D-TYPE FLIP FLOP WITH CLEAR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC174RM13TR データシート(HTML) 5 Page - STMicroelectronics

  M74HC174RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M74HC174
5/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per FLIP/
FLOP)
And the total CPD when N pcs of FLIP-FLOP operate can be gained by the following equation : CPD (total) = 38 + 15 x n
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time (CLOCK - Q)
2.0
68
135
170
205
ns
4.5
17
27
34
41
6.0
14
23
29
35
tPLH tPHL Propagation Delay
Time (CLEAR - Q)
2.0
72
145
180
220
ns
4.5
18
29
36
44
6.0
15
25
31
37
fMAX
Maximum Clock
Frequency
2.0
7.2
14
5.8
4.8
MHz
4.5
36
56
29
24
6.0
42
66
34
28
tW(H)
tW(L)
Minimum Pulse
Width (CLOCK)
2.0
24
75
95
110
ns
4.5
6
151922
6.0
5
131619
tW(L)
Minimum Pulse
Width (CLEAR)
2.0
24
75
95
110
ns
4.5
6
151922
6.0
5
131619
ts
Minimum Set-up
Time
2.0
28
75
95
110
ns
4.5
7
151922
6.0
6
131619
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum Removal
Time
2.0
5
5
5
5
ns
4.5
5
5
5
5
6.0
5
5
5
5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
40
pF


同様の部品番号 - M74HC174RM13TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
246Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174B1R STMICROELECTRONICS-M74HC174B1R Datasheet
246Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174C1R STMICROELECTRONICS-M74HC174C1R Datasheet
246Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174M1R STMICROELECTRONICS-M74HC174M1R Datasheet
246Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results

同様の説明 - M74HC174RM13TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com