データシートサーチシステム |
|
742C163180JP データシート(PDF) 2 Page - CTS Corporation |
|
742C163180JP データシート(HTML) 2 Page - CTS Corporation |
2 / 5 page Package Outlines Concave Termination – Type C Convex Termination – Type X Page 2 of 5 May 2006 CTS Electronic Components www.ctscorp.com Dimensions: mm/inch Part Code Configuration # Pads # Res. Circuit L W P T A B C D 741X043 0402 X 2 4 2 Isolated 1.00 ±0.10 .039 ±.004 0.65 ±0.10 .026 ±.004 0.33 ±0.10 .013 ±.004 741X083 0402 X 4 8 4 Isolated 0.30 ±0.15 .012 ±.006 741C083 0402 X 4 8 4 Isolated 2.00 ±0.10 .079 ±.004 1.00 ±0.10 .039 ±.004 0.35 ±0.10 .014 ±.004 0.28 ±0.10 .011 ±.004 0.15 ±0.10 .006 ±.004 0.38 Max. .015 Max. 741X163 0402 X 8 16 8 Isolated 3.80 ±0.10 .150 ±.004 1.60 ±0.10 .063± .004 0.50 ±0.10 .020 ±.004 0.45 ±0.10 .018 ±.004 0.30 ±0.10 .012 ±.004 0.30 ±0.10 .012 ±.004 0.30 ±0.10 .012 ±.004 N/A 742C043 0603 X 2 4 2 Isolated 1.60 ±0.20 .063 ±.008 0.40 ±0.15 .016 ±.006 742X083 742C083 0603 X 4 8 4 Isolated 3.20 ±0.20 .126 ±.008 0.30 ±0.15 .012 ±.006 742C163 0603 X 8 16 8 Isolated 6.40 ±0.20 .252 ±.008 1.60 ±0.20 .063 ±.008 0.80 ±0.05 .032 ±.002 0.60 +0.10 -0.25 .024 +.004 -.010 0.50 ±0.15 .020 ±.006 0.30 ±0.20 .012 ±.008 0.40 ±0.15 .016 ±.006 N/A 743C043 0805 X 2 4 2 Isolated 2.54 ±0.20 .100 ±.008 743C083 0805 X 4 8 4 Isolated 5.08 ±0.30 .200 ±.012 2.00 ±0.20 .079 ±.008 1.27 ±0.05 .050 ±.002 0.60 ±0.10 .024 ±.004 0.80 ±0.10 .031 ±.006 0.40 ±0.20 .016 ±.008 0.40 ±0.15 .016 ±.006 N/A 744C043 1206 X 2 4 2 Isolated 2.54 ±0.20 .100 ±.008 744C083 1206 X 4 8 4 Isolated 5.08 ±0.30 .200 ±.012 3.20 ±0.20 .126 ±.008 1.27 ±0.05 .050 ±.002 0.60 ±0.10 .024 ±.004 0.80 ±0.10 .031 ±.006 0.50 ±0.20 .020 ±.008 0.50 ±0.15 .020 ±.006 N/A 745C101 745C102 10 8 Bussed 6.40 ±0.20 .252 ±.008 3.20 ±0.20 .126 ±.008 1.27 ±0.05 .050 ±.002 0.60 ±0.10 .024 ±.004 0.60 ±0.15 .024 ±.006 0.35 ±0.15 .013 ±.006 0.55 ±0.15 .022 ±.006 N/A 745X101 745X102 10 8 Bussed 6.40 ±0.20 .252 ±.008 3.20 ±0.20 .126 ±.008 1.27 ±0.05 .050 ±.002 0.60 ±0.10 .024 ±.004 0.90 ±0.15 .035 ±.006 0.50 ±0.20 .020 ±.008 0.50 ±0.15 .020 ±.006 1.10 ±0.15 .043 ±.006 746X101 10 8 Bussed 3.30 ±0.10 .130 ±.004 1.65 ±0.15 .065 ±.006 0.64 ±0.05 .025 ±.002 0.60 ±0.10 .024 ±.004 0.35 ±0.05 .014 ±.002 0.40 ±0.10 .016 ±.004 0.45 ±0.10 .018 ±.004 0.50 ±0.05 .020 ±.002 Termination Area(all places) W L P A B T C D Termination Area (all places) W B A L P T C |
同様の部品番号 - 742C163180JP |
|
同様の説明 - 742C163180JP |