データシートサーチシステム |
|
741X043750GP データシート(PDF) 1 Page - CTS Corporation |
|
741X043750GP データシート(HTML) 1 Page - CTS Corporation |
1 / 5 page Page 1 of 5 May 2006 CTS Electronic Components www.ctscorp.com Chip Resistor Arrays Technical Data Product Benefits • High Density Packaging Up to 30% less space per resistor than 0603 chip resistors Up to 75% less space per resistor than 0805 chip resistors • Placement Efficiency Networks require fewer placements than discrete components Larger overall size eases handling compared to discrete components • Low Profile; Can be used in PCMCIA cards Features • Low Cost • Thick Film Technology • High Density Packaging • Leadless Surface Mount Construction • Tape and Reel Packaging • Solder Coated Nickel Barrier Pads • Isolated and Bussed Circuits • Concave and Convex Terminations • RoHS Compliant Version Available Electrical and Mechanical Specifications Series PCB Area (in²) Per Resistor Circuit Type Resistance Range, Ohms 70°C Power Per Resistor* Maximum Operating Voltage 741 0.0015 Isolated 10 - 1M .063W 25V 742 0.0037 Isolated 10 - 1M .063W 50V 743 0.0071 Isolated 10 - 1M .100W 100V 744 0.0094 Isolated 10 - 1M .125W 200V 745 0.0058 Bussed 33 - 470K .063W 50V 746 0.0013 Bussed 33 - 100K .031W 25V *Total Rated Package Power equals total number of resistors times rated Power Per Resistor Resistance Tolerance Standard: ±5% or .5Ω (whichever is greater) Operating Temperature Range -55°C to +125°C Temperature Coefficient Standard: 200PPM/°C |
同様の部品番号 - 741X043750GP |
|
同様の説明 - 741X043750GP |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |