データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8342 データシート(PDF) 5 Page - Analog Devices

部品番号 AD8342
部品情報  Active Receive Mixer LF to 500 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8342 データシート(HTML) 5 Page - Analog Devices

  AD8342 Datasheet HTML 1Page - Analog Devices AD8342 Datasheet HTML 2Page - Analog Devices AD8342 Datasheet HTML 3Page - Analog Devices AD8342 Datasheet HTML 4Page - Analog Devices AD8342 Datasheet HTML 5Page - Analog Devices AD8342 Datasheet HTML 6Page - Analog Devices AD8342 Datasheet HTML 7Page - Analog Devices AD8342 Datasheet HTML 8Page - Analog Devices AD8342 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8342
Rev. 0 | Page 5 of 20
SPUR TABLE
VS = 5 V, TA = 25°C, RF and LO power = 0 dBm, fRF = 238MHz, fLO = 286MHz, ZO = 50 Ω, RBIAS = 1.82 kΩ, RF termination 100 Ω,
IF terminated into 100 Ω via a 2:1 ratio balun.
Note: Measured using standard test board. Typical noise floor of measurement system = −100 dBm.
Table 3.
m
nfRF − mfLO
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
<−100
−25
−54
−28
−45
−35
−39
−36
−42
−57
−44
−42
−41
−46
−59
1
−39
3.5
−42
−6
−48
−16
−50
−28
−57
−37
−68
−45
−54
−37
−61
2
−52
−47
−51
−49
−54
−56
−56
−62
−62
−66
−71
−80
−80
−67
−79
3
−81
−57
−79
−61
−82
−61
−74
−69
−94
−85
−89
−86
−86
−90
−81
4
−78
−70
−80
−79
−80
−85
−87
−92
−93
−96
−95
<−100
−97
<−100
−95
5
−98
−79
−95
−87
−96
−94
−95
−88
−98
−94
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
−99
<−100
−96
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
−96
<−100
−98
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−97
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−99
<−100
<−100
<−100
10
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−99
<−100
<−100
<−100
<−100
11
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−96
<−100
−97
<−100
−96
<−100
<−100
<−100
12
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−99
<−100
−98
<−100
<−100
<−100
<−100
13
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−97
<−100
−97
−99
<−100
<−100
14
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
−98
−98
<−100
<−100
<−100
n
15
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100


同様の部品番号 - AD8342

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
More results

同様の説明 - AD8342

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8344 AD-AD8344 Datasheet
429Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
   LF??GHz Wideband Low Power Active Mixer
logo
M/A-COM Technology Solu...
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
   TO-5 Double-Balanced Mixer, 5 - 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com