データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1L-0312S-N データシート(PDF) 1 Page - AIMTEC

部品番号 AM1L-0312S-N
部品情報  0.5 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0312S-N データシート(HTML) 1 Page - AIMTEC

  AM1L-0312S-N Datasheet HTML 1Page - AIMTEC AM1L-0312S-N Datasheet HTML 2Page - AIMTEC AM1L-0312S-N Datasheet HTML 3Page - AIMTEC AM1L-0312S-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM1/2L-N Series
0.5 watt dc-dc converters
SMD PACKAGE
UL94-VO PACKAGE
LOW RIPPLE & NOISE
EFFICIENCY UP TO 70%
INPUT/OUTPUT ISOLATIONS OF 1000 & 3000VDC
OPERATING TEMPERATURE: -40°C ... +85°C
UNREGULATED
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM1/2L-N series is a family of cost effective
1/2W single and dual output DC/DC converters.
These converters combine a miniature SMD pack-
age and high performance features such as a 1000 &
3000VDC input/output isolation voltages, continu-
ous short circuit protection and a tight line / load
regulation.
96 models operate from input voltages of 3.3, 5, 12 and
24VDC producing output voltages of 3.3, 5, 9, 12, 15,
24, ±3.3, ±5, ±9, ±12, ±15 & ±24VDC. Full SMD
design and a 100% production test of parameters
ensures a high reliability in this product.
MTBF: > 3,500,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification.
Isolation Specifications:
Rated voltage (60 sec)
1000 & 3000VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Output Specifications:
Voltage accuracy
±5%, max.
Voltage balance (Dual Output)
±2%
Ripple & Noise (at 20MHz BW)
75m Vp-p, typ.
Short circuit protection
1 sec.
Line voltage regulation
±1.2% max. for 1% of Vin
Load voltage regulation
10%, typ. (10...100% load
Temperature coefficient
±0.03%/°C, max.
Input Specifications:
Voltage range
±10%
Filter
Capacitor
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case Temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 95%
Cooling
Free-air Convection
Physical Specifications:
Dimensions (Single)
12.70x11.20x6.30mm
Dimensions (Dual)
15.30x11.20x6.30mm
Dimensions (S&D@3000VDC) 15.20x11.20x6.00mm
Weight
1.5g
Case material
UL94-VO Plastic
General Specifications:
Efficiency
70%, typ.
Switching frequency (Single)
100KHz, typ., 100% load
Switching frequency (Dual)
150KHz typ., 100% load
Continued on next page


同様の部品番号 - AM1L-0312S-N

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AM1L-0312S-N ETC-AM1L-0312S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0312S-N AIMTEC-AM1L-0312S-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0312S-N AIMTEC-AM1L-0312S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
AM1L-0312S-NZ AIMTEC-AM1L-0312S-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
AM1L-0312S-NZ AIMTEC-AM1L-0312S-NZ Datasheet
365Kb / 6P
   1 Watt | DC-DC Converter
More results

同様の説明 - AM1L-0312S-N

メーカー部品番号データシート部品情報
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com