データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1DR-1215S-N データシート(PDF) 1 Page - AIMTEC

部品番号 AM1DR-1215S-N
部品情報  1 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DR-1215S-N データシート(HTML) 1 Page - AIMTEC

  AM1DR-1215S-N Datasheet HTML 1Page - AIMTEC AM1DR-1215S-N Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22
TO ORDER CALL 1-888-9-AIMTEC
AM1DR-N Series
1 watt dc-dc converters
7PIN SIP PACKAGE
REGULATED OUTPUT VOLTAGE
LOW RIPPLE & NOISE
HIGH EFFICIENCY UP TO 79%
INPUT/OUTPUT ISOLATION: 1000VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
UL94-VO PACKAGE
GENERAL DESCRIPTION
Our AM1DR-N series is a family of cost effective 1W
single output isolated DC-DC converters. These converters
achieve low cost and ultra-miniature SIP7 pin size without
compromising performance and reliability.
Twelve models operates from input voltages of 5, 12 &
24VDC; producing regulated output voltage levels
of 5, 9, 12, 15VDC. Full SMD-design and a 100%
production test of parameters ensures a high reliability in
this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
MTBF: > 900,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1000VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
Input Specifications:
Voltage range
±5%
Filter
Capacitor
Output Specifications:
Voltage accuracy
±3%, max.
Ripple & noise (at 20MHz BW)
50 mVp-p, typ.
Short circuit protection
1 sec.
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/ºC, typ.
General Specifications:
Efficiency
72% to 79%
Switching frequency
100KHz, typ. 100% load
Physical Specifications:
Dimensions
19.6x6.0x10.2mm
0.77x0.24x0.4inches
Weight
2.7g
Case material
Plastic UL94-VO
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
1
2
4
5
6
7
+V Input
-V Input
-V Output
Omitted
+V Output
Omitted
1000VDC
Single


同様の部品番号 - AM1DR-1215S-N

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1DR-1215S-NZ AIMTEC-AM1DR-1215S-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
More results

同様の説明 - AM1DR-1215S-N

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com