データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD0603-S0180R データシート(PDF) 5 Page - Bourns Electronic Solutions

部品番号 CD0603-S0180R
部品情報  Switching Chip Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-S0180R データシート(HTML) 5 Page - Bourns Electronic Solutions

  CD0603-S0180R Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-S0180R Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-S0180R Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-S0180R Datasheet HTML 4Page - Bourns Electronic Solutions CD0603-S0180R Datasheet HTML 5Page - Bourns Electronic Solutions CD0603-S0180R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Switching Chip Diode Series - 0603 / 1005
Rating and Characteristic Curves: CDxxxx-S0180R
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
1000
100
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Forward Voltage (Volts)
10
125 °C 85 °C
-25 °C
25 °C
0
0.1
1.0
10.0
100.0
020
40
60
80
Reverse Voltage (Volts)
25 °C
85 °C
125 °C
120
100
80
60
40
20
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
Mounting on glass epoxy PCBs
5.0
4.0
3.0
2.0
1.0
0.0
02
4
6
8
10
12
14
Reverse Voltage (Volts)
F = 100 MHz
Ta = 25 ° C


同様の部品番号 - CD0603-S0180R

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD0603-S0180R BOURNS-CD0603-S0180R Datasheet
282Kb / 6P
   Switching Chip Diode Series
More results

同様の説明 - CD0603-S0180R

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD1005-S01575 BOURNS-CD1005-S01575 Datasheet
282Kb / 6P
   Switching Chip Diode Series
CD0805-S0180R BOURNS-CD0805-S0180R Datasheet
297Kb / 6P
   Switching Chip Diode Series
CD0603-S01575 BOURNS-CD0603-S01575 Datasheet
260Kb / 4P
   Switching Chip Diode
logo
Central Semiconductor C...
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD91 CENTRAL-CPD91 Datasheet
30Kb / 1P
   Switching Diode Low Leakage Switching Diode Chip
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD91V CENTRAL-CPD91V_10 Datasheet
825Kb / 2P
   Switching Diode Low Leakage Switching Diode Chip
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com