データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD214A-B50LF データシート(PDF) 1 Page - Bourns Electronic Solutions

部品番号 CD214A-B50LF
部品情報  Schottky Barrier Rectifier Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B50LF データシート(HTML) 1 Page - Bourns Electronic Solutions

  CD214A-B50LF Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B50LF Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B50LF Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B50LF Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B50LF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CD214A-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free versions available
RoHS compliant (lead free version)*
SMA package
Surface mount
Very low forward voltage drop
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers Schottky Rectifier Diodes for rectification applications, in compact chip package DO-214AC (SMA) size format, which offer PCB
real estate savings and are considerably smaller than competitive parts. The Schottky Rectifier Diodes offer a forward current of 2 A with a
choice of repetitive peak reverse voltage of 20 V up to 60 V.
Bourns® Chip Diodes conform to JEDEC standards, easy to handle on standard pick and place equipment and their flat configuration makes
roll away much more difficult.
Parameter
Symbol
CD214A-
Unit
B220
B230
B240
B240L
B250
B260
Forward Voltage (Max.)
VF
0.5
0.5
0.5
0.43
0.7
0.7
V
(If = 2 A)
Typical Junction
CT
200
pF
Capacitance*
Reverse Current (Max.)
IR
0.5
0.5
0.5
2.0
0.5
0.5
mA
at Rated VR)
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
How To Order
CD 214A - B 2 40 L __
Common Code
Chip Diode
Package
• 214A = SMA/DO-214AC
Model
B = Schottky Barrier Series
Average Forward Current (Io) Code
2 = 2 A (Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
30 = 30 V
40 = 40 V
60 = 60 V
Forward Voltage Suffix
L = Low Forward Voltage Vf (CD214-B240L)
Terminations
LF = 100 % Sn (lead free)
Blank = Sn/Pb
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Absolute Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD214A-
Unit
B220
B230
B240
B240L
B250
B260
Repetitive Peak
VRRM
20
30
40
40
50
60
V
Reverse Voltage
Reverse Voltage
VR
20
30
40
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
28
35
42
V
Avg. Forward Current
IO
2A
Forward Current,
Surge Peak
Isurge
50
50
50
25
50
50
A
(60 Hz, 1 cycle)
Typical Thermal
RΘJL
15
15
15
18
15
15
°C/W
Resistance**
Storage Temperature
TSTG
-55 to +150
°C
Junction Temperature
TJ
-55 to +125
°C
* Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
** Thermal resistance junction to lead.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


同様の部品番号 - CD214A-B50LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B1100L BOURNS-CD214A-B1100L Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1100LLF BOURNS-CD214A-B1100LLF Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1100R BOURNS-CD214A-B1100R Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120LR BOURNS-CD214A-B120LR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results

同様の説明 - CD214A-B50LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com