データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8368ACPZ-WP データシート(PDF) 8 Page - Analog Devices

部品番号 AD8368ACPZ-WP
部品情報  800 MHz, Linear-in-dB VGA with AGC Detector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8368ACPZ-WP データシート(HTML) 8 Page - Analog Devices

Back Button AD8368ACPZ-WP Datasheet HTML 4Page - Analog Devices AD8368ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8368ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8368ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8368ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8368ACPZ-WP Datasheet HTML 9Page - Analog Devices AD8368ACPZ-WP Datasheet HTML 10Page - Analog Devices AD8368ACPZ-WP Datasheet HTML 11Page - Analog Devices AD8368ACPZ-WP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8368
Rev. 0 | Page 8 of 20
40
0
5
10
15
20
25
30
35
RF INPUT (MHz)
–40°C
+25°C
70
110
150
190
230
270
310
350
380
+85°C
20
18
16
14
12
10
8
6
4
2
0
RF INPUT (MHz)
–40°C
+25°C
+85°C
70
110
150
190
230
270
310
350
380
Figure 9. OIP3 vs. Frequency at Maximum Gain (V
Figure 12. Output Compression Point vs. Frequency at Maximum Gain
(V
MODE
= 0 V)
MODE
= 0 V)
40
0
5
10
15
20
25
30
35
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
70MHz
140MHz
240MHz
380MHz
20
18
16
14
12
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
70MHz
140MHz
240MHz
380MHz
Figure 13. Output Compression Point vs. V
Figure 10. OIP3 vs. VGAIN (VMODE = 0 V)
0
–80
–70
–60
–50
–40
–30
–20
–10
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
140MHz
240MHz
380MHz
70MHz
Figure 11. Third-Order IMD vs. VGAIN
(Output Power Is 0 dBm per Tone, VMODE = 0 V)
GAIN
(VMODE = 0 V)
20
4.5V
5.0V
5.5V
18
16
14
12
10
8
6
4
2
0
70
350
380
310
270
230
190
150
110
RF INPUT (MHz)
Figure 14. Output Compression Point vs. Supply Voltage at Maximum Gain
(VMODE = 0 V)


同様の部品番号 - AD8368ACPZ-WP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8368ACPZ-WP AD-AD8368ACPZ-WP Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368ACPZ-WP AD-AD8368ACPZ-WP Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
More results

同様の説明 - AD8368ACPZ-WP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
   34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
   34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
   800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com