データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9222BCPZ-40 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9222BCPZ-40
部品情報  Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9222BCPZ-40 データシート(HTML) 10 Page - Analog Devices

Back Button AD9222BCPZ-40 Datasheet HTML 6Page - Analog Devices AD9222BCPZ-40 Datasheet HTML 7Page - Analog Devices AD9222BCPZ-40 Datasheet HTML 8Page - Analog Devices AD9222BCPZ-40 Datasheet HTML 9Page - Analog Devices AD9222BCPZ-40 Datasheet HTML 10Page - Analog Devices AD9222BCPZ-40 Datasheet HTML 11Page - Analog Devices AD9222BCPZ-40 Datasheet HTML 12Page - Analog Devices AD9222BCPZ-40 Datasheet HTML 13Page - Analog Devices AD9222BCPZ-40 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AD9222
Rev. 0 | Page 10 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD
VIN+G
VIN–G
AVDD
VIN–H
VIN+H
AVDD
AVDD
CLK–
CLK+
AVDD
AVDD
DRGND
DRVDD
D–H
D+H
NC = NO CONNECT
AVDD
VIN+B
VIN–B
AVDD
VIN–A
VIN+A
AVDD
PDWN
CSB
SDIO/ODM
SCLK/DTP
AVDD
DRGND
DRVDD
D+A
D–A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9222
TOP VIEW
(Not to Scale)
EXPOSED PADDLE, PIN 0
(BOTTOM OF PACKAGE)
Figure 5. 64-Lead LFCSP Top View
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND
Analog Ground (Exposed Paddle)
1, 4, 7, 8, 11,
12, 37, 42, 45,
48, 51, 59, 62
AVDD
1.8 V Analog Supply
13, 36
DRGND
Digital Output Driver Ground
14, 35
DRVDD
1.8 V Digital Output Driver Supply
2
VIN+G
ADC G Analog Input—True
3
VIN−G
ADC G Analog Input—Complement
5
VIN−H
ADC H Analog Input—Complement
6
VIN+H
ADC H Analog Input—True
9
CLK−
Input Clock—Complement
10
CLK+
Input Clock—True
15
D−H
ADC H Digital Output—Complement
16
D+H
ADC H True Digital Output—True
17
D−G
ADC G Digital Output—Complement
18
D+G
ADC G True Digital Output—True
19
D−F
ADC F Digital Output—Complement
20
D+F
ADC F True Digital Output—True
21
D−E
ADC E Digital Output—Complement
22
D+E
ADC E True Digital Output—True
23
DCO−
Data Clock Digital Output—Complement
24
DCO+
Data Clock Digital Output—True
25
FCO−
Frame Clock Digital Output—Complement
26
FCO+
Frame Clock Digital Output—True
27
D−D
ADC D Digital Output—Complement
28
D+D
ADC D True Digital Output—True
29
D−C
ADC C Digital Output—Complement
30
D+C
ADC C True Digital Output
31
D−B
ADC B Digital Output—Complement
32
D+B
ADC B True Digital Output—True
33
D−A
ADC A Digital Output—Complement


同様の部品番号 - AD9222BCPZ-40

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9222 AD-AD9222 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9222-65EB1 AD-AD9222-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9222ABCPZ-40 AD-AD9222ABCPZ-40 Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results

同様の説明 - AD9222BCPZ-40

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com