データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP275AIDGKTG4 データシート(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 TMP275AIDGKTG4
部品情報  0.5째C Digital Out Temperature Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP275AIDGKTG4 データシート(HTML) 6 Page - Burr-Brown (TI)

Back Button TMP275AIDGKTG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 9Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TMP275
SBOS363A − JUNE 2006 − REVISED JUNE 2006
www.ti.com
6
TEMPERATURE
(
°C)
DIGITAL OUTPUT
(BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
−0.25
1111 1111 1100
FFC
−25
1110 0111 0000
E70
−55
1100 1001 0000
C90
Table 5. Temperature Data Format
The user can obtain 9, 10, 11, or 12 bits of resolution by
addressing the Configuration Register and setting the
resolution bits accordingly. For 9-, 10-, or 11-bit resolution,
the most significant bits in the Temperature Register are
used with the unused LSBs set to zero.
CONFIGURATION REGISTER
The Configuration Register is an 8-bit read/write register
used to store bits that control the operational modes of the
temperature sensor. Read/write operations are performed
MSB first. The format of the Configuration Register for the
TMP275 is shown in Table 6, followed by a breakdown of
the register bits. The power-up/reset value of the
Configuration Register is all bits equal to 0.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
Table 6. Configuration Register Format
SHUTDOWN MODE (SD)
The Shutdown Mode of the TMP275 allows the user to
save maximum power by shutting down all device circuitry
other than the serial interface, which reduces current
consumption to typically less than 0.1
µA. Shutdown Mode
is enabled when the SD bit is 1; the device will shut down
once the current conversion is completed. When SD is
equal to 0, the device will maintain a continuous
conversion state.
THERMOSTAT MODE (TM)
The Thermostat Mode bit of the TMP275 indicates to the
device whether to operate in Comparator Mode (TM = 0)
or Interrupt Mode (TM = 1). For more information on
comparator and interrupt modes, see the High and Low
Limit Registers section.
POLARITY (POL)
The Polarity Bit of the TMP275 allows the user to adjust the
polarity of the ALERT pin output. If POL = 0, the ALERT pin
will be active LOW, as shown in Figure 3. For POL = 1, the
ALERT pin will be active HIGH, and the state of the ALERT
pin is inverted.
Measured
Temperature
T
HIG H
T
LO W
TMP275 ALERT PIN
(Comparator Mode)
POL = 0
TMP275 ALERT PIN
(Interrupt Mode)
POL = 0
TMP275 ALERT PIN
(Comparator Mode)
POL = 1
TMP275 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read
Figure 3. Output Transfer Function Diagrams
FAULT QUEUE (F1/F0)
A fault condition is defined as when the measured
temperature exceeds the user-defined limits set in the
THIGH and TLOW Registers. Additionally, the number of
fault conditions required to generate an alert may be
programmed using the fault queue. The fault queue is
provided to prevent a false alert as a result of
environmental
noise.
The
fault
queue
requires
consecutive fault measurements in order to trigger the
alert function. Table 7 defines the number of measured
faults that may be programmed to trigger an alert condition
in the device. For THIGH and TLOW register format and byte
order, see section High and Low Limit Registers.
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
Table 7. Fault Settings of the TMP275


同様の部品番号 - TMP275AIDGKTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP275AIDGKTG4 TI-TMP275AIDGKTG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
More results

同様の説明 - TMP275AIDGKTG4

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com