データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4156BCPZ データシート(PDF) 5 Page - Analog Devices

部品番号 ADF4156BCPZ
部品情報  6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ データシート(HTML) 5 Page - Analog Devices

  ADF4156BCPZ Datasheet HTML 1Page - Analog Devices ADF4156BCPZ Datasheet HTML 2Page - Analog Devices ADF4156BCPZ Datasheet HTML 3Page - Analog Devices ADF4156BCPZ Datasheet HTML 4Page - Analog Devices ADF4156BCPZ Datasheet HTML 5Page - Analog Devices ADF4156BCPZ Datasheet HTML 6Page - Analog Devices ADF4156BCPZ Datasheet HTML 7Page - Analog Devices ADF4156BCPZ Datasheet HTML 8Page - Analog Devices ADF4156BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADF4156
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, GND = AGND = DGND = 0 V, VDD = AVDD = DVDD,
unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +4 V
VDD to VDD
−0.3 V to +0.3 V
VP to GND
−0.3 V to +5.8 V
VP to VDD
−0.3 V to +5.8 V
Digital I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND
−0.3 V to VDD + 0.3 V
REFIN, RFIN to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Maximum Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
THERMAL IMPEDANCE
Table 4. Thermal Impedance
Package Type
θJA
Unit
TSSOP
112
°C/W
LFCSP_VQ (Paddle Soldered)
30.4
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - ADF4156BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
More results

同様の説明 - ADF4156BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com