データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4156BCPZ データシート(PDF) 6 Page - Analog Devices

部品番号 ADF4156BCPZ
部品情報  6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ データシート(HTML) 6 Page - Analog Devices

Back Button ADF4156BCPZ Datasheet HTML 2Page - Analog Devices ADF4156BCPZ Datasheet HTML 3Page - Analog Devices ADF4156BCPZ Datasheet HTML 4Page - Analog Devices ADF4156BCPZ Datasheet HTML 5Page - Analog Devices ADF4156BCPZ Datasheet HTML 6Page - Analog Devices ADF4156BCPZ Datasheet HTML 7Page - Analog Devices ADF4156BCPZ Datasheet HTML 8Page - Analog Devices ADF4156BCPZ Datasheet HTML 9Page - Analog Devices ADF4156BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADF4156
Rev. 0 | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CP
CPGND
AGND
AVDD
RFINA
RFINB
RSET
DVDD
MUXOUT
LE
CE
REFIN
DGND
CLOCK
DATA
VP
ADF4156
TOP VIEW
(Not to Scale)
Figure 3. TSSOP Pin Configuration
PIN 1
INDICATOR
1
CPGND
2
AGND
3
AGND
4
RFINB
5
RFINA
13 DATA
14 LE
15 MUXOUT
12 CLOCK
11 CE
TOP VIEW
(Not to Scale)
ADF4156
Figure 4. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
TSSOP
LFCSP
Mnemonic
Description
1
19
RSET
Connecting a resistor between this pin and ground sets the maximum charge pump output current. The
relationship between ICP and RSET is
SET
CPmax
R
I
5
.
25
=
where:
RSET
= 5.1 kΩ.
ICP max
= 5 mA.
2
20
CP
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter, which in turn, drives the
external VCO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
5
4
RFINB
Complementary Input to the RF Prescaler. Decouple this point to the ground plane with a small bypass
capacitor, typically 100 pF.
6
5
RFINA
Input to the RF Prescaler. This small-signal input is normally ac-coupled from the VCO.
7
6, 7
AVDD
Positive Power Supply for the RF Section. Decoupling capacitors to the digital ground plane should be
placed as close as possible to this pin. AVDD has a value of 3 V ± 10%. AVDD must have the same voltage as
DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resistance
of 100 kΩ. This input can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three-
state mode.
11
12
CLOCK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched
into the shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first with the three LSBs serving as the control bits. This
input is a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE is high, the data stored in the shift registers is loaded into one of the
five latches. The control bits are used to select the latch.
14
15
MUXOUT
Multiplexer Output. This multiplexer output allows either the RF lock detect, the scaled RF, or the scaled
reference frequency to be accessed externally.
15
16, 17
DVDD
Positive Power Supply for the Digital Section. Decoupling capacitors to the digital ground plane should be
placed as close as possible to this pin. DVDD has a value of 3 V ± 10%. DVDD must have the same voltage as
AVDD.
16
18
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V, it can
be set to 5.5 V and used to drive a VCO with a tuning range of up to 5.5 V.


同様の部品番号 - ADF4156BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
More results

同様の説明 - ADF4156BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com