データシートサーチシステム |
|
TA6UOAAAGPNTABWHT データシート(PDF) 2 Page - E-SWITCH |
|
TA6UOAAAGPNTABWHT データシート(HTML) 2 Page - E-SWITCH |
2 / 5 page SERIES TA/LT 119 Phone: 612-504-3525 Fax: 612-531-8235 www.e-switch.com info@e-switch.com PUSHBUTTON SWITCHES TERMINATION OPTIONS MODULE SCHEMATICS CIRCUIT OPTIONS TOP SIDE BOTTOM (TA) STANDARD OPERATING FORCE (LT) LIGHT TOUCH OPERATING FORCE 2PDT 42.15 4PDT 54.15 6PDT 66.15 8PDT 78.15 10PDT 90.15 16PDT 126.15 POLE DIMENSIONS TA2UEE A 2U = DPDT 4U = 4PDT 6U = 6PDT 8U = 8PDT 10U = 10PDT 16U = 16PDT TRAVEL 4.8 T R AV E LTO LOCK 3.3 TOLERANCE ±0.2MM 2PDT ≤700 grams 4PDT ≤700 grams 6PDT ≤1000 grams 8PDT ≤1000 grams 10PDT ≤1200 grams 16PDT ≤1200 grams PLATING MATERIAL TIMING AG = Silver P = Polycarbonate UL94HB N = (BBM) Non-Shorting AU = Gold V = Valox UL94VO S = (MBB) Shorting 2PDT ≤250 grams 4PDT ≤400 grams 6PDT ≤650 grams Y TA4UEE A Y PLATING, MATERIAL & TIMING OPTIONS *Retentive (Snap In) pins available; please contact E-Switch for specifications. OPERATING FORCE OPTIONS RETENTIVE PIN OPTION |
同様の部品番号 - TA6UOAAAGPNTABWHT |
|
同様の説明 - TA6UOAAAGPNTABWHT |