データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1276AFG データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TA1276AFG
部品情報  PAL/NTSC Video Chroma And Deflection IC For CTV
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1276AFG データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TA1276AFG Datasheet HTML 6Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 9Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 10Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 11Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 12Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 13Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
TA1276AFG
2002-04-01
10
Pin
No.
Pin Name
Function
Interface Circuit
Input/Output
Signal
50
V-Sep.
Connect the filter
separating the vertical
synchronization.
DC6.4 V
51
NC
None connect PIN.
These pins connect to
GND.
52
Y1/SYNC
input
The pin through which the
composite video signal or
Y signal is input. Input via
clamp capacitor.
53
Chroma
GND
The GND pin of the
chroma processing block.
54
Chroma
input
The pin through which the
chroma is input. Input the
chroma signal that was
subjected to Y/C
separation.
55
NC
None connect PIN.
These pins connect to
GND.
56
NC
None connect PIN.
These pins connect to
GND.
57
VCC1 (5 V)
The VCC of the chroma
and I
2C Bus blocks.
Connect 5 V (typ.)
42
50
500
57
52
1 k
6 k
1 Vp-p
2.5 V
GND
57
54
1 k
Burst level:
300 mVp-p
2.5 V
GND


同様の部品番号 - TA1276AFG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

同様の説明 - TA1276AFG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
logo
Mitsubishi Electric Sem...
M51391ASP MITSUBISHI-M51391ASP Datasheet
985Kb / 13P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52039SP MITSUBISHI-M52039SP Datasheet
1Mb / 22P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52025SP MITSUBISHI-M52025SP Datasheet
994Kb / 18P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M51390ASP MITSUBISHI-M51390ASP Datasheet
1,010Kb / 14P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52016SP MITSUBISHI-M52016SP Datasheet
1Mb / 13P
   PAL/ NTSC VIDEO CHROMA DEFLECTION
M52778SP MITSUBISHI-M52778SP Datasheet
310Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Renesas Technology Corp
M52778SP RENESAS-M52778SP Datasheet
14Mb / 38P
   VIF,SIF,VIDEO,CHROMA,DEFLECTION FOR PAL/NTSC
logo
Mitsubishi Electric Sem...
M52779SP MITSUBISHI-M52779SP Datasheet
311Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Toshiba Semiconductor
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com