データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD132 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 BD132
部品情報  PNP power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD132 データシート(HTML) 2 Page - NXP Semiconductors

  BD132 Datasheet HTML 1Page - NXP Semiconductors BD132 Datasheet HTML 2Page - NXP Semiconductors BD132 Datasheet HTML 3Page - NXP Semiconductors BD132 Datasheet HTML 4Page - NXP Semiconductors BD132 Datasheet HTML 5Page - NXP Semiconductors BD132 Datasheet HTML 6Page - NXP Semiconductors BD132 Datasheet HTML 7Page - NXP Semiconductors BD132 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Mar 04
2
Philips Semiconductors
Product specification
PNP power transistor
BD132
FEATURES
• High current (max. 3 A)
• Low voltage (max. 45 V).
APPLICATIONS
• General purpose power applications.
DESCRIPTION
PNP power transistor in a TO-126; SOT32 plastic
package. NPN complement: BD131.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector, connected to metal part of
mounting surface
3
base
Fig.1
Simplified outline (TO-126; SOT32)
and symbol.
handbook, halfpage
MAM272
12
3
Top view
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−45
V
VCEO
collector-emitter voltage
open base
−−45
V
ICM
peak collector current
−−6A
Ptot
total power dissipation
Tmb ≤ 60 °C
15
W
hFE
DC current gain
IC = −0.5 A; VCE = −12 V
40
fT
transition frequency
IC = −0.25 A; VCE = −5 V; f = 100 MHz
60
MHz


同様の部品番号 - BD132

メーカー部品番号データシート部品情報
logo
Savantic, Inc.
BD132 SAVANTIC-BD132 Datasheet
109Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD132 COMSET-BD132 Datasheet
101Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD132 ISC-BD132 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BD132 COMSET-BD132 Datasheet
63Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Savantic, Inc.
BD132 SAVANTIC-BD132 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - BD132

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BD330 PHILIPS-BD330 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 26
BD830 PHILIPS-BD830 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
logo
Seme LAB
BDX16AA SEME-LAB-BDX16AA Datasheet
41Kb / 2P
   PNP POWER TRANSISTOR
logo
Solid States Devices, I...
TR0015H SSDI-TR0015H Datasheet
149Kb / 3P
   PNP Power Transistor
logo
Shenzhen Luguang Electr...
2SC3998 LUGUANG-2SC3998 Datasheet
511Kb / 3P
   PNP Power Transistor
Revision:20220728-P1
logo
Solid States Devices, I...
TR0015H SSDI-TR0015H_15 Datasheet
149Kb / 3P
   PNP Power Transistor
logo
STMicroelectronics
BD442 STMICROELECTRONICS-BD442 Datasheet
150Kb / 9P
   PNP power transistor
logo
TAITRON Components Inco...
2SB817E TAITRON-2SB817E Datasheet
217Kb / 3P
   Power Transistor (PNP)
logo
Shenzhen Jingdao Electr...
B647 JINGDAO-B647 Datasheet
49Kb / 3P
   PNP Power Transistor
logo
Solid States Devices, I...
TR0013A SSDI-TR0013A Datasheet
62Kb / 2P
   PNP POWER TRANSISTOR
logo
NXP Semiconductors
BD231 PHILIPS-BD231 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com