データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB950 データシート(PDF) 2 Page - Oxford Semiconductor

部品番号 CB950
部品情報  Mobile Data Bridging
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OXFORD [Oxford Semiconductor]
ホームページ  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

CB950 データシート(HTML) 2 Page - Oxford Semiconductor

  CB950 Datasheet HTML 1Page - Oxford Semiconductor CB950 Datasheet HTML 2Page - Oxford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.oxsemi.com
Connectivity for consumer electronics
CF950 and CB950
Mobile Data Bridging
Mobile Data
The advent of mobile data solutions is rapidly expanding the
market for plug in cards for Mac, PC and Handheld computers.
The CF and CB 950 provide a simple single chip solution for
designers, and production engineers adapting radios to the wide
variety of plug in cards and operating software platforms.
Two Chips Four Solutions
The CF950 provides 8 bit bus support for 3V PCMCIA and
Compact Flash ports found in many PDAs and PC's. Optimised
to save space the CF950 is available in a 48 TQFP and BGA
package options
A 32bit bus on the CB950 supports embedded Mini PCI and
Card Bus. Packaged in an ultra thin 100-pin TQFP it can be
offered as a factory fit install or used for Mac and PC cards.
The Oxford UART
Both the CF and CB950 use Oxfords 950 UART technology
found in several million serial ports today. The 950 has a deep
FIFO structure with programmable fill level indicators, reducing
CPU accesses and thus system power. The 550
compatible register set simplifies driver development and
support.
Simple Personalisation
A external EEPROM enables card personality data to be added
via a simple programming tool (OXPROM).
Reference Design and Driver support
A comprehensive set of reference designs, boards and
schematics are available. Both the CF and CB950 can use
existing 550 compatible UART drivers. Alternatively Oxford has
driver code supporting a number of Microsoft and Apple
platforms, allowing custom embedded driver support to be
quickly developed.
Europe
Oxford Semiconductor Ltd
25 Milton Park, Abingdon
Oxfordshire OX14 4SH, UK
Tel:
+44 1235 824900
Fax:
+44 1235 821141
Email: sales@oxsemi.com
Europe
Oxford Semiconductor Ltd
25 Milton Park, Abingdon
Oxfordshire OX14 4SH, UK
Tel:
+44 1235 824900
Fax:
+44 1235 821141
Email: sales@oxsemi.com
US
Oxford Semiconductor Inc
27281 Las Ramblas, Suite 200
Mission Viejo CA92691, USA
Tel:
+1 949 348 1235
Fax:
+1 949 367 3141
Email: sales@oxsemi.com
US
Oxford Semiconductor Inc
27281 Las Ramblas, Suite 200
Mission Viejo CA92691, USA
Tel:
+1 949 348 1235
Fax:
+1 949 367 3141
Email: sales@oxsemi.com
Singapore
Oxford Semiconductor
1010 Dover Road, SPGG #03-04
Singapore 139658
Tel:
+65 67754080
Fax:
+65 67744811
Email: sales@oxsemi.com
Singapore
Oxford Semiconductor
1010 Dover Road, SPGG #03-04
Singapore 139658
Tel:
+65 67754080
Fax:
+65 67744811
Email: sales@oxsemi.com


同様の部品番号 - CB950

メーカー部品番号データシート部品情報
logo
Fuji Electric
CB903-4 FUJI-CB903-4 Datasheet
98Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
CB903-4S FUJI-CB903-4S Datasheet
36Kb / 2P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
logo
List of Unclassifed Man...
CB91262V100 ETC1-CB91262V100 Datasheet
107Kb / 1P
   2.54mm DUAL ROW BOARD MOUNT CONNECTOR
More results

同様の説明 - CB950

メーカー部品番号データシート部品情報
logo
Bolymin, Inc
BETA903A BOLYMIN-BETA903A Datasheet
185Kb / 2P
   Mobile Data Terminal
logo
Hubbell Incorporated.
BR851B HUBBELL-BR851B Datasheet
245Kb / 1P
   Bridging Y Adapter
logo
Filtran LTD
TPA4499 FILTRAN-TPA4499 Datasheet
29Kb / 1P
   Audio Bridging Transformer
logo
Oxford Semiconductor
9160 OXFORD-9160 Datasheet
55Kb / 2P
   Simple PCI Bridging
logo
API Technologies Corp
TEW5564 APITECH-TEW5564 Datasheet
562Kb / 1P
   Isolation/Bridging Transformer
logo
Filtran LTD
TEW6140 FILTRAN-TEW6140 Datasheet
22Kb / 1P
   Audio Bridging Transformer
TEW5564 FILTRAN-TEW5564 Datasheet
32Kb / 1P
   ISDN Isolation/Bridging Tranformer
3858-3 FILTRAN-3858-3 Datasheet
138Kb / 1P
   Audio Line Coupling / Bridging Transformer
logo
Micron Technology
MT46H32M16 MICRON-MT46H32M16 Datasheet
113Kb / 3P
   Mobile Double Data Rate (DDR) SDRAM
MT46H16M16 MICRON-MT46H16M16 Datasheet
112Kb / 3P
   Mobile Double Data Rate (DDR) SDRAM
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com