データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3100F20-27PXF80 データシート(PDF) 6 Page - ITT Industries

部品番号 CA3100F20-27PXF80
部品情報  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100F20-27PXF80 データシート(HTML) 6 Page - ITT Industries

Back Button CA3100F20-27PXF80 Datasheet HTML 2Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 3Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 4Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 5Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 6Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 7Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 8Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 9Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ittcannon.com
172
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Contact Arrangements (Continued)
LEGEND
Resilient only
Resilient & Plastic
Shell Size
No. of Contacts
Service Rating
20-7
8 #16
A(C-F)
D(A,B,G,H)
20-16
7 #16(A-G)
2 #12(H,I)
A
20-18
6 #16(A,C-E,G,H)
3 #12(B,F,I)
A
20-33
11 #16
A
20-11
13 #16
Inst.
20-27
14 #16
A
20-29
17 #16
A
22-7
1 #0
E
22-12
3 #16(A,C,D)
2 #8(B,E)
D
22-22
4 #8
A
22-10
4 #16
E
22-4
2 #12(A,C)
2 #8(B,D)
A
22-9
3 #12
E
22-6
1 #16(B)
2 #8(A,C)
D
22-2
3 #8
D
22-11
2 #16
B
22-13
1 #16(E)
4 #12(A-D)
A(A-D), D(E)
22-5
4 #16(A,C,D,F)
2 #12(B,E)
D
22-15
1 #16(D)
5 #12(A-C,E,F)
A(A-C,E,F),E(D)
22-28
7 #12
A
22-18
8 #16
A(C-E)
D(all others)
22-23
8 #12
D(H)
A(all others)
22-17
8 #16(A-D,F-J)
1 #12(E)
D(A), A(all others)
22-20
9 #16
A
24-10
7 #8
A
24-2
7 #12
D
24-12
3 #12(B,D,E)
2 #4(A,C,)
A
24-22
4 #8
D
24-9
2 #4
A
22-14
19 #16
A
22-19
14 #16
A
22-27
8 #16(A-H)
1 #8(J)
D(J), A (all others)
24-27
7 #16
E
24-6
8 #12
D(A,G,H)
A(all others)
24-11
6 #12(A-C,G-I)
3 #8(D-F)
A
24-20
9 #16(A-D,G-L)
2 #12(E,F)
D
24-19
12 #16
6 #12(B-G)
A
24A24
12 #12
A
24-5
16 #16
A
24-7
14 #16(A-M,O)
2 #12(P,N)
A
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
High Volume Layouts - readily
available from Cannon Distributors
¢
¢
¢
¢
¢
¢
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
E
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
D
D
D
D
E
E
E
F
F
F
G
G
G
H
H
H
J
J
K
L
M
M
N
N
P
P
R
S
T
U
V
L
K
J
E
E
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
J
J
H
H
H
H
G
G
G
G
G
G
G
G
G
G
G
H
H
H
H
H
H
H
I
J
J
J
J
J
J
K
K
K
K
K
L
L
L
L
L
M
M
M
M
N
N
N
O
P
P
S
R
G
G
G
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
G
G
G
H
H
H
J
J
J
J
K
K
K
L
L
L
M
M
M
N
N
N
P
R
S
T
F
F
F
G
G
G
H
J
J
M
L
J
K
H
H
H


同様の部品番号 - CA3100F20-27PXF80

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3100 INTERSIL-CA3100 Datasheet
128Kb / 7P
   38MHz, Operational Amplifier
January 1999
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

同様の説明 - CA3100F20-27PXF80

メーカー部品番号データシート部品情報
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com