データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3102F20-27PXF80 データシート(PDF) 4 Page - ITT Industries

部品番号 CA3102F20-27PXF80
部品情報  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3102F20-27PXF80 データシート(HTML) 4 Page - ITT Industries

  CA3102F20-27PXF80 Datasheet HTML 1Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 2Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 3Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 4Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 5Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 6Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 7Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 8Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2
20
17
12
4
9
8,13
11
6
22
19
5,3
15
21
18
16
14
www.ittcannon.com
170
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
ITT Cannon Designated Alternate Insert Positions
Not MS approved
NOTE: Front view of pin insulator rotates as shown.
Note: For ITT Cannon contact arrangements not listed, consult factory.
Shell
Size
10SL
12S
20
24
32
32A10
32A47
36
36A16
36A34
36A46
36A66
40
40A27
40A33
10SLA4
12SA10
20A37
24A24
28A16
28A51
54 #16
47 #16
18 #12
52 #16
27 #12
52 #16
4 #12
60 #16
7 #8
6 #4
5 #20
4 #16
4 #8
12 #12
5 #16
4 #4
43 #16
A
A
A
A
A
A
2
3
4
5
6
8
9
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
Normal
Position
Angle
(degrees)
0
260
110
80
use pos. 3
85
250
280
105
100
use pos. 8
30
45
120
130
150
195
220
255
290
165
330
235
125
A
A
A
Inst.
D
A
A
A
3
3
3
3
3
3
14
3
3
5
4
3
4
4
4
4
4
4
5
17
5
5
8
9
5
5
5
5
5
5
5
8
20
8
8
13
12
8
8
8
8
8
8
8
9
22
13
12
9
9
9
9
9
9
9
13
13
13
12
12
12
12
12
12
17
13
13
13
13
13
18
15
20
13
2
2
2
2
2
2
4
2
2
3
2
2
3
28
Wire
Size
Service
Rating
Available Position
Contact
Arrange-
ment


同様の部品番号 - CA3102F20-27PXF80

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
CA3102 INTERSIL-CA3102 Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102A ITT-CA3102A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3102A10SL-8P ITT-CA3102A10SL-8P Datasheet
1Mb / 5P
   Circular Connectors
More results

同様の説明 - CA3102F20-27PXF80

メーカー部品番号データシート部品情報
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com