データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3102F20-27PXF80 データシート(PDF) 9 Page - ITT Industries

部品番号 CA3102F20-27PXF80
部品情報  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3102F20-27PXF80 データシート(HTML) 9 Page - ITT Industries

Back Button CA3102F20-27PXF80 Datasheet HTML 5Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 6Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 7Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 8Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 9Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 10Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 11Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 12Page - ITT Industries CA3102F20-27PXF80 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ittcannon.com
175
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Cable Connecting Plug (Receptacle with no mounting flange)
MS3101E/MS3101F
Integral Cable Clamp
CA3101E/CA3101E
MS3101E cable connecting
plugs are used for cable
extension requirements, where
mounting provisions are
unnecessary.
MS3101E plugs mate with
3106, 3107 and 3108 plugs.
Note: the D revision of
MIL-C-5015 has changed the
nomenclature of the 3101 from
receptacle to plug.
MS3101R cable connecting plug
is identical in purpose to the
MS3101E. The MS3101R
features a shorter lightweight
endbell and mates with 3106,
3107 and 3108 plugs. Note:
The D revision of the
MIL-C-5015 specification has
changed the nomenclature of
the 3101 from receptacle to
plug.
MS3101R
Shell
Size
Shell
Size
†Not to MS specification
*Not Available in MS3101E and MS3101R.
Performance Specifications - Page 168
Contact, Sealing Plugs, Assembly Tools - Page
187
Contact Arrangements - Page 171-174
8S
10S
10SL
12S
14S
16S
12
14
1/2-28UNEF-2A
5/8-24UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
1-1/8-18UNEF-2A
1-1/4-18UNEF-2A
1-3/8-18UNEF-2A
1-1/2-18UNEF-2A
1-3/4-18UNS-2A
2-18UNS-2A
2-1/4-16UN-2A
2-1/2-16UN-2A
16
18
20
22
24
28
32
36
40
Shell
Size
A
Thread
A
Thread
8S
10S
10SL
12S
14S
16S
12
14
16
18
20
22
24
28
32
36
40
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.235 (5.97)
.235 (5.97)
.297 (7.54)
.297 (7.54)
.422 (10.72)
.547 (13.89)
.297 (7.54)
.422 (10.72)
.547 (13.89)
.610 (15.49)
.735 (18.67)
.740 (18.80)
.922 (23.42)
.922 (23.42)
1.235 (31.37)
1.360 (34.54)
1.628 (41.35)
.102 (2.59)
.102 (2.59)
.140 (3.56)
.140 (3.56)
.195 (4.95)
.255 (6.48)
.140 (3.56)
.195 (4.95)
.255 (6.48)
.285 (7.24)
.350 (8.89)
.350 (8.89)
.468 (11.89)
.468 (11.89)
.664 (15.87)
.694 (17.63)
.911 (23.14)
.844 (21.44)
.969 (24.61)
1.062 (26.97)
1.062 (26.97)
1.156 (29.36)
1.281 (32.54)
1.062 (26.97)
1.156 (29.36)
1.281 (32.54)
1.344 (34.14)
1.500 (38.10)
1.625 (41.28)
1.750 (44.45)
2.000 (50.80)
2.250 (57.15)
2.500 (63.50)
2.750 (69.85)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.140 (3.56)
.140 (3.56)
.140 (3.56)
.146 (3.71)
.146 (3.71)
.146 (3.71)
.180 (4.57)
.180 (4.57)
.180 (4.57)
.203 (5.16)
.203 (5.16)
.203 (5.16)
.203 (5.16)
.203 (5.16)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.625 (66.68)
2.625 (66.58)
2.625 (66.58)
2.688 (68.28)
2.750 (69.85)
2.750 (69.85)
2.969 (75.44)
3.031 (76.99)
3.031 (76.99)
3.281 (83.34)
3.560 (89.66)†
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
2.181 (55.40)
2.181 (55.40)
2.181 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.322 (58.98)
2.322 (58.98)
2.427 (61.65)†
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.812 (20.62)
.812 (20.62)
.875 (22.23)
.875 (22.23)
.875 (22.23)
.890 (22.61)
.890 (22.61)
.970 (24.64)
.970 (24.64)
1.150 (29.21)
1.250 (31.75)
.970 (24.64)
1.150 (29.21)
1.250 (31.75)
1.450 (36.83)
1.570 (39.88)
1.570 (39.88)
1.880 (47.75)
1.880 (47.75)
2.205 (56.01)
2.400 (60.96)
2.840 (72.14)
.515 (13.08)
.640 (16.26)
.640 (16.26)
.765 (19.43)
.890 (22.61)
1.015 (25.78)
.765 (19.43)
.890 (22.61)
1.015 (25.78)
1.140 (28.96)
1.265 (32.13)
1.390 (35.31)
1.515 (38.48)
1.765 (44.83)
2.015 (51.18)
2.270 (57.66)
2.427 (61.65)
.840 (21.34)
.840 (21.34)
.900 (22.86)
.900 (22.86)
1.00 (27.94)
1.200 (30.48)
.900 (22.86)
1.100 (27.94)
1.200 (30.48)
1.300 (33.02)
1.500 (38.10)
1.500 (38.10)
1.740 (44.20)
1.740 (44.20)
2.075 (52.71)
2.300 (58.42)
2.688 (68.28)
1.046 (26.57)
1.046 (26.57)
1.125 (28.58)
1.125 (28.58)
1.343 (34.11)
1.484 (37.69)
1.125 (28.58)
1.343 (34.11)
1.484 (37.69)
1.609 (40.87)
1.890 (48.01)
1.890 (48.01)
2.170 (55.12)
2.170 (55.12)
2.656 (67.46)
2.922 (74.22)
-
*
B
Min.
E
Max.
E
Min.
G
Max.
K
Max.
L
Max.
L
Max.
1
1
P
Max.
S
Max.
V
Max.
W
Max.
M
+.031(0.79)
-.000(0.00)
CA3101R
W
G
G
S 1
S 1
P
P
V
A Thd.
A Thd.
B
B
M
M
L
1
L
K
K
E


同様の部品番号 - CA3102F20-27PXF80

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
CA3102 INTERSIL-CA3102 Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102A ITT-CA3102A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3102A10SL-8P ITT-CA3102A10SL-8P Datasheet
1Mb / 5P
   Circular Connectors
More results

同様の説明 - CA3102F20-27PXF80

メーカー部品番号データシート部品情報
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com