データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD139-10 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BD139-10
部品情報  NPN power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD139-10 データシート(HTML) 3 Page - NXP Semiconductors

  BD139-10 Datasheet HTML 1Page - NXP Semiconductors BD139-10 Datasheet HTML 2Page - NXP Semiconductors BD139-10 Datasheet HTML 3Page - NXP Semiconductors BD139-10 Datasheet HTML 4Page - NXP Semiconductors BD139-10 Datasheet HTML 5Page - NXP Semiconductors BD139-10 Datasheet HTML 6Page - NXP Semiconductors BD139-10 Datasheet HTML 7Page - NXP Semiconductors BD139-10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 12
3
Philips Semiconductors
Product specification
NPN power transistors
BD135; BD137; BD139
THERMAL CHARACTERISTICS
Note
1. Refer to TO-126; SOT32 standard mounting conditions.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
Rth j-mb
thermal resistance from junction to mounting base
10
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =30V
−−
100
nA
IE = 0; VCB =30V; Tj = 125 °C
−−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
100
nA
hFE
DC current gain
VCE = 2 V; (see Fig.2)
IC = 5 mA
40
−−
IC = 150 mA
63
250
IC = 500 mA
25
−−
DC current gain
IC = 150 mA; VCE =2V;
(see Fig.2)
BD135-10; BD137-10; BD139-10
63
160
BD135-16; BD137-16; BD139-16
100
250
VCEsat
collector-emitter saturation voltage
IC = 500 mA; IB =50mA
−−
0.5
V
VBE
base-emitter voltage
IC = 500 mA; VCE =2V
−−
1V
fT
transition frequency
IC = 50 mA; VCE =5V;
f = 100 MHz
190
MHz
DC current gain ratio of the
complementary pairs
I
C = 150 mA; VCE =2V
1.3
1.6
h
FE1
h
FE2
-----------


同様の部品番号 - BD139-10

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BD139-10 SIEMENS-BD139-10 Datasheet
185Kb / 5P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD139-10 STMICROELECTRONICS-BD139-10 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
BD139-10 STMICROELECTRONICS-BD139-10 Datasheet
157Kb / 9P
   Complementary low voltage transistor
BD139-10 STMICROELECTRONICS-BD139-10 Datasheet
158Kb / 9P
   Complementary low voltage transistor
logo
SeCoS Halbleitertechnol...
BD139-10 SECOS-BD139-10 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
More results

同様の説明 - BD139-10

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
Suntac Electronic Corp.
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com