データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9230BCPZ-250 データシート(PDF) 5 Page - Analog Devices

部品番号 AD9230BCPZ-250
部品情報  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9230BCPZ-250 データシート(HTML) 5 Page - Analog Devices

  AD9230BCPZ-250 Datasheet HTML 1Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 2Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 3Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 4Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 5Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary Technical Data
AD9230
Rev. PrE | Page 5 of 21
DIGITAL SPECIFICATIONS
Table 3 (AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = –40°C, TMAX = +85°C, DCS Enabled unless otherwise noted.)
AD9230-170/-210
AD9230-250
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS
Differential Input Voltage1
Full
tbd
tbd
V
Common-Mode Voltage2
Full
tbd
tbd
V
Input Resistance
Full
tbd
tbd
Input Capacitance
25°C
4
4
pF
LOGIC INPUTS
Logic 1 Voltage
Full
.8 x VDD
2.0
V
Logic 0 Voltage
Full
.2 x AVDD
0.8
V
Logic 1 Input Current
Full
10
10
μA
Logic 0 Input Current
Full
10
10
μA
Input Capacitance
25°C
4
4
pF
LOGIC OUTPUTS3
VOD Differential Output Voltage
Full
247
454
247
454
mV
VOS Output Offset Voltage
Full
1.125
1.375
1.125
1.375
V
Output Coding
Twos Complement,Gray or Binary
Twos Complement,Gray or Binary
1 All ac specifications tested by driving CLK+ and CLK– differentially, |(CLK+)– (CLK–)| > 200 mV.
2 Clock inputs’ common mode can be externally set, such that xx.xV < (Clk+ or Clk- ) < zzz V.
3 LVDS RTermination = 100


同様の部品番号 - AD9230BCPZ-250

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9230BCPZ-250 AD-AD9230BCPZ-250 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
More results

同様の説明 - AD9230BCPZ-250

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com