データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDX35 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 BDX35
部品情報  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BDX35 データシート(HTML) 5 Page - NXP Semiconductors

  BDX35 Datasheet HTML 1Page - NXP Semiconductors BDX35 Datasheet HTML 2Page - NXP Semiconductors BDX35 Datasheet HTML 3Page - NXP Semiconductors BDX35 Datasheet HTML 4Page - NXP Semiconductors BDX35 Datasheet HTML 5Page - NXP Semiconductors BDX35 Datasheet HTML 6Page - NXP Semiconductors BDX35 Datasheet HTML 7Page - NXP Semiconductors BDX35 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Apr 16
5
Philips Semiconductors
Product specification
NPN switching transistors
BDX35; BDX36; BDX37
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
LQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.88
0.65
2.7
2.3
0.60
0.45
11.1
10.5
7.8
7.2
2.29
e
4.58
0.254
P
3.2
3.0
P1
3.9
3.6
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
16.5
15.3
1.5
0.9
L1(1)
max
2.54
SOT32
TO-126
97-03-04
0
2.5
5 mm
scale
A
Plastic single-ended leaded (through hole) package; mountable to heatsink, 1 mounting hole; 3 leads
SOT32
D
P1
P
E
e1
A
L
Q
c
12
3
L1
w M
e


同様の部品番号 - BDX35

メーカー部品番号データシート部品情報
logo
Savantic, Inc.
BDX35 SAVANTIC-BDX35 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX35 COMSET-BDX35 Datasheet
219Kb / 4P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Inchange Semiconductor ...
BDX35 ISC-BDX35 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BDX35 SAVANTIC-BDX35 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BDX35 NJSEMI-BDX35 Datasheet
108Kb / 3P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results

同様の説明 - BDX35

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
   NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
   NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com