データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-A2981-FREQ データシート(PDF) 3 Page - Nel Frequency Controls,inc

部品番号 SD-A2981-FREQ
部品情報  Differential Positive ECL (DPECL 3.3V)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEL [Nel Frequency Controls,inc]
ホームページ  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A2981-FREQ データシート(HTML) 3 Page - Nel Frequency Controls,inc

  SD-A2981-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A2981-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc SD-A2981-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc SD-A2981-FREQ Datasheet HTML 4Page - Nel Frequency Controls,inc SD-A2981-FREQ Datasheet HTML 5Page - Nel Frequency Controls,inc SD-A2981-FREQ Datasheet HTML 6Page - Nel Frequency Controls,inc SD-A2981-FREQ Datasheet HTML 7Page - Nel Frequency Controls,inc SD-A2981-FREQ Datasheet HTML 8Page - Nel Frequency Controls,inc SD-A2981-FREQ Datasheet HTML 9Page - Nel Frequency Controls,inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
For the most up to date spec-
ifications on each NEL prod-
uct, log on to our website—
www.nelfc.com
Differential Positive ECL (DPECL 3.3V)
SD-A2980 Series
Frequency Range: 80.0-540.0 MHz
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
80.0 MHz
540.0 MHz
Duty Cycle
@VCC -1.29 V
45/55%
55/45%
Logic 0(2)
VOL
1.35 V
1.70 V
Logic 1(2)
VOH
2.28 V
2.56 V
Rise & Fall Time
tr, tf 20-80% VO, with 50 ohm load to VCC -2V
——
1 nsec
Jitter, RMS
(3)
——
——
3 psec
Enable Voltage(5)
with VEE = 0V
2.0 V
Disable Voltage
with VEE = 0V
——
0.8 V
Frequency Stability(1)
dF/F
Overall conditions including:
-100 ppm
+100 ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
VCC
3.15 V
3.3 V
3.45 V
Supply Current
ICC
50 ohm termination to 2.00 V below VCC 0.0 mA
80 mA
Output Current
IO
Low level Output Current
0.0 mA
±50.0 mA
Operating Temperature
TA
—0ºC—
70ºC
Storage Temperature
TS
-55ºC—
125ºC
Power Dissipation
PD
——
276 mW
Lead Temperature
TL
Soldering, 10 sec.
300ºC
Load
50 ohm to VCC -2V or Thevenin Equivalent, Bias Required
Start-up Time
tS
——
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55 Hz to 2000 Hz
Soldering Condition
300ºC for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20, ±25, ±50 ppm & others available).
2) VOL, VOH, referenced to ground (VEE) with VCC = 3.3 V.
3) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization. RMS jitter bandwidth of
12 kHz to 20 MHz.
5) Open to enable pin also enables the output.
Test Circuit
6
5
4
3
Test Circuit uses a split supply of
+2V and -1.3V for ease of testing.


同様の部品番号 - SD-A2981-FREQ

メーカー部品番号データシート部品情報
logo
Nel Frequency Controls,...
SD-A2981-FREQ NEL-SD-A2981-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

同様の説明 - SD-A2981-FREQ

メーカー部品番号データシート部品情報
logo
Nel Frequency Controls,...
HA-2870 NEL-HA-2870_10 Datasheet
65Kb / 2P
   Differential Positive ECL (DPECL)
SK-A29B0 NEL-SK-A29B0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
SK-A29C0 NEL-SK-A29C0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
HK-2910 NEL-HK-2910 Datasheet
218Kb / 2P
   Differential Positive ECL (DPECL)
SU-A29F0 NEL-SU-A29F0 Datasheet
152Kb / 2P
   Differential Positive ECL (DPECL)
HA-2870 NEL-HA-2870 Datasheet
292Kb / 2P
   Differential Positive ECL (DPECL)
HS-A2870 NEL-HS-A2870 Datasheet
376Kb / 2P
   Differential Positive ECL (DPECL)
HS-A2870 NEL-HS-A2870_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL)
SD-X2980 NEL-SD-X2980 Datasheet
157Kb / 3P
   Differential Positive ECL (DPECL)
HS-2870 NEL-HS-2870_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com