データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-A2989-FREQ データシート(PDF) 10 Page - Nel Frequency Controls,inc

部品番号 SD-A2989-FREQ
部品情報  Differential Positive ECL (DPECL 3.3V)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEL [Nel Frequency Controls,inc]
ホームページ  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A2989-FREQ データシート(HTML) 10 Page - Nel Frequency Controls,inc

Back Button SD-A2989-FREQ Datasheet HTML 5Page - Nel Frequency Controls,inc SD-A2989-FREQ Datasheet HTML 6Page - Nel Frequency Controls,inc SD-A2989-FREQ Datasheet HTML 7Page - Nel Frequency Controls,inc SD-A2989-FREQ Datasheet HTML 8Page - Nel Frequency Controls,inc SD-A2989-FREQ Datasheet HTML 9Page - Nel Frequency Controls,inc SD-A2989-FREQ Datasheet HTML 10Page - Nel Frequency Controls,inc SD-A2989-FREQ Datasheet HTML 11Page - Nel Frequency Controls,inc SD-A2989-FREQ Datasheet HTML 12Page - Nel Frequency Controls,inc SD-A2989-FREQ Datasheet HTML 13Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
1Crystal Oscillator and Logic Selection
Selecting the appropriate crystal oscillator is of
the utmost importance in a high speed application,
since it will provide the clock reference for the
entire clock distribution system.
Stringent crystal oscillator applications typically
require a frequency stability of ±20 ppm, fast rise
and fall times of less than 600 picoseconds, low
characteristic jitter, and a Positive Emitter Coupled
Logic (PECL) differential output. The frequency
stability will provide a reliable system reference,
while fast rise and fall times of the waveform will
result in low system jitter. (Although saturating the
transition with fast rise and fall times can introduce
unwanted noise, this noise will be cancelled out by
the use of differential signals.)
Logic Selection: PECL Advantages
Using a PECL logic output provides critical
advantages over CMOS logic output technology
in high speed applications. Unlike CMOS technol-
ogy, PECL technology features a differential out-
put, which is essential for reducing emissions. Yet,
like CMOS, PECL obtains its operating power
from a positive power supply (rather than the neg-
ative power supply voltage that powers ECL logic
technology), enabling the necessary compatibility
with CMOS logic interfaces at the load points.
In addition, PECL technology allows voltage
compensation for further rejection of noise on
the positive voltage supply. All modern PECL
devices contain on-chip bandgap regulators that
provide voltage compensation for noise margins
with variations in the supply voltage, as well as
in junction and ambient temperatures. Because
PECL circuits consist of supply-regulated current
sources which are switched via steering logic to
load resistors, the designer benefits in two ways:
1) the supply current remains unchanged with
operating frequency
2) AC performance remains unchanged with
voltage, temperature, and frequency
Residual sensitivities of less than 1mV/V for levels,
threshold and noise margins with respect to supply
voltage may be achieved.
For junction temperatures, residual sensitivities
of less than 0.1mV/C are achieved for the same
parameters.
Crystal Oscillator Quality
In addition to ensuring low jitter in the waveform,
designers should be sure that jitter is minimized
in the oscillator itself. This is achieved by selecting
an oscillator containing a very high Q crystal.
Further, the crystal should be tuned to the
oscillator circuit for optimization by the oscillator
manufacturer. Use of a PLL synthesizer in the
oscillator design should be avoided, since jitter
is created by the noise in the phase lock loop.
Other Oscillator Considerations
In PECL systems, all oscillator circuits should
have the power supply well decoupled at the
oscillator. PECL devices need to have this
addressed aggressively, since PECL is referenced
only to the most positive side of the power
supply. Thus, for PECL the Vcc needs to be
as noise-free as possible. Because oscillator
characteristics do change with load impedance
and load bias voltage, it is important to specify
the actual load being used and communicate
this to the oscillator vendor.
The chosen oscillator should have a tight symme-
try of at least 45% minimum and 55% maximum,
and should produce repeatable waveforms to
ensure signal consistency. A ground plane should
be used (see “Design Subtleties” section).
2 Clock Driver/Distribution Considerations
The clock driver should be a PECL differen-
tial device—with differential inputs to receive
the oscillator signals, and differential outputs to
distribute the signals on the PCB. If clock gating
is desired, there should be an Enable pin, probably
single ended.
Another aspect of clock driving should be struc-
tural symmetry of the device, which will reflect in
better overall signal integrity.
Regeneration buffering may be required when trace
length and/or attenuation demand it. It is impor-
tant to structure regeneration such that received sig-
nals have settled out and are not still on their rising
An effective methodology for
achieving optimum system
performance addresses the
various clock generation
and distribution components
as a complete solution.
Careful selection of the
appropriate components
should take place at the
outset of the project, keep-
ing in mind the components’
interrelation to one another.
PECL
Differential
Crystal
Oscillator
PECL/CMOS
Translator
PECL/CMOS
Translator
PECL/CMOS
Translator
PECL
Differential
Clock
Distribution
Transmission Load
Transmission Load
Transmission Load
Transmission Load
Transmission Load
Transmission Load
Transmission Load
Transmission Load
1
2
3
4
Clock Generation and
Distribution Component Considerations
Fig. 2


同様の部品番号 - SD-A2989-FREQ

メーカー部品番号データシート部品情報
logo
Nel Frequency Controls,...
SD-A2989-FREQ NEL-SD-A2989-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

同様の説明 - SD-A2989-FREQ

メーカー部品番号データシート部品情報
logo
Nel Frequency Controls,...
HA-2870 NEL-HA-2870_10 Datasheet
65Kb / 2P
   Differential Positive ECL (DPECL)
SK-A29B0 NEL-SK-A29B0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
SK-A29C0 NEL-SK-A29C0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
HK-2910 NEL-HK-2910 Datasheet
218Kb / 2P
   Differential Positive ECL (DPECL)
SU-A29F0 NEL-SU-A29F0 Datasheet
152Kb / 2P
   Differential Positive ECL (DPECL)
HA-2870 NEL-HA-2870 Datasheet
292Kb / 2P
   Differential Positive ECL (DPECL)
HS-A2870 NEL-HS-A2870 Datasheet
376Kb / 2P
   Differential Positive ECL (DPECL)
HS-A2870 NEL-HS-A2870_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL)
SD-X2980 NEL-SD-X2980 Datasheet
157Kb / 3P
   Differential Positive ECL (DPECL)
HS-2870 NEL-HS-2870_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com