データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-A3679-FREQ データシート(PDF) 2 Page - Nel Frequency Controls,inc

部品番号 SD-A3679-FREQ
部品情報  Frequency Range: 70.0 MHz to 200.0 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEL [Nel Frequency Controls,inc]
ホームページ  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A3679-FREQ データシート(HTML) 2 Page - Nel Frequency Controls,inc

  SD-A3679-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A3679-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCXO Series (PECL)
SD-A3670 Series Rev H
Frequency Range: 70.0 MHz to 200.0 MHz
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
70.0 MHz
200.0 MHz
Duty Cycle
@VO /2
45/55%
55/45%
Logic 0
VOL
—VCC -1.810 VDC
—VCC -1.620 VDC
Logic 1
VOH
—VCC -1.200 VDC
—VCC -0.880 VDC
Rise & Fall Time
tr, tf
20-80% VO
600 ps
Jitter, RMS
(1)
3 psec
Absolute Pull Range
APR
VCO=0.3 to 3.0V
±100ppm
VCO Input Impedance
50 na dc current max
100K ohm
VCO Linearity
VCO=0.3 to 3.0V
10%
Transfer Function
(2)
—VCO=0.3 to 3.0V
Positive
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
VCC-VEE
Nominal
3.135 V
3.3 V
3.465 V
Supply Current
ICC
60 mA
Output Current
IO
0.0 mA
±50.0 mA
Operating Temperature
TA
—0ºC—
70ºC
Storage Temperature
TS
-55ºC
125ºC
Power Dissipation
PD
208 mW
Lead Temperature
TL
Soldering, 10 sec.
300ºC
Load
50 ohm to VCC -2 V or Thevenin Equivalent, Bias Required
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55 Hz to 2000 Hz
Soldering Condition
300ºC for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
2) Frequency increase with increase in control voltage and is monotonic.


同様の部品番号 - SD-A3679-FREQ

メーカー部品番号データシート部品情報
logo
Nel Frequency Controls,...
SD-A36AL99-FREQ NEL-SD-A36AL99-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A36AL9E-FREQ NEL-SD-A36AL9E-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A36AL9F-FREQ NEL-SD-A36AL9F-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A36AL9G-FREQ NEL-SD-A36AL9G-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A36AL9H-FREQ NEL-SD-A36AL9H-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
More results

同様の説明 - SD-A3679-FREQ

メーカー部品番号データシート部品情報
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Vectron International, ...
MQF70-0-1500-07 VECTRON-MQF70-0-1500-07 Datasheet
67Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-2500-11 VECTRON-MQF70-0-2500-11 Datasheet
69Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-1400-03 VECTRON-MQF70-0-1400-03 Datasheet
60Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
logo
Nel Frequency Controls,...
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
SC-B1420 NEL-SC-B1420 Datasheet
206Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com