データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSA966 データシート(PDF) 1 Page - Continental Device India Limited

部品番号 CSA966
部品情報  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA966 データシート(HTML) 1 Page - Continental Device India Limited

  CSA966 Datasheet HTML 1Page - Continental Device India Limited CSA966 Datasheet HTML 2Page - Continental Device India Limited CSA966 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CSA966
TO-92
Plastic Package
Complementary CSC2236
Audio Power Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
VCEO
30
V
Collector Base Voltage
VCBO
30
V
Emitter Base Voltage
VEBO
5V
Collector Current
IC
1.5
A
Emitter Current
IE
1.5
A
Collector Power Dissipation
PC
900
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
min
typ
max
UNIT
Collector Cut off Current
ICBO
VCB=30V, IE = 0
-
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
-
100
nA
Collector Emitter Voltage
BVCEO
IC=10mA, IB=0
30
-
V
Emitter Base Voltage
VEBO
IE=1mA, IC=0
5-
V
DC Current Gain
hFE*VCE=2V, IC=500mA
100
320
Collector Emitter Saturation
VCE(sat)
IC=1.5A, IB=0.03A
-
2.0
V
Voltage
Base Emitter Voltage
VBE
VCE=2V, IC=500mA
-
1.0
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=500mA, VCE=2V
-
120
-
MHz
Collector Output Capacitance
Cob
IE=0,VCB=10V,f=1MHz
-30
pF
Classification
O
Y
hFE*
100 - 200
160 - 320
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


同様の部品番号 - CSA966

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
CSA968 CDIL-CSA968 Datasheet
123Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
Rectron Semiconductor
CSA968 RECTRON-CSA968 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSA968A CDIL-CSA968A Datasheet
123Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
CSA968B CDIL-CSA968B Datasheet
123Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
More results

同様の説明 - CSA966

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com