データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1121T-AS001AQ12 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 1121T-AS001AQ12
部品情報  Hall Effect Incremental Rotary Shaft Encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

1121T-AS001AQ12 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  1121T-AS001AQ12 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1121T-AS001AQ12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series 1000/3000
Hall Effect Incremental Rotary Shaft Encoders
Mechanical
Shaft Speed
6000 RPM maximum
Shaft Direction
Bidirectional
Standard Shaft Sizes (Dia.)
.2497", .3747"
Shaft Extension(s)
0.80" with .50x.05" flat
Shaft Seals
Neoprene or PTFE Options
Mounting
Refer to dimensional drawings
Bearings
ABEC 5 Shielded
Radial Loading
30 lbs. Operating
Axial Loading
15 lbs. Operating
Accuracy
+1.0º of Shaft Rotation Typical
Housing
Black Anodized Aluminum
Weight (1000)
Standard: 14 oz., Sealed: 19 oz.
Weight (3000)
Standard: 17 oz., Sealed: 26 oz.
Connector
6 Pin MS3102 or 18" Cable Out
Electrical
Pulse Rate
10 kHz, up to 200 kHz
Outputs
NPN w/pullup; NPN open collector; PNP sourcing
Output Ratings
Open Collector Transistor
40 Vdc maximum
Supply Voltage
8 to 28 Vdc
5 Vdc with 5V TTL output
Supply Current
15 mA maximum
Current Sinking
250 mA maximum
Output Duty Cycle
50/50 w/ +20% typical tolerance
Tighter to +5% by spec
Rise/Fall Times
1 µsec typical, other options available
Environmental
Operating Temp. (1000)
-20º to +70º C (-4º to +158º F)
Operating Temp. (3000)
-40º to +85º C (-40º to +185ºF)
Shock
50 g’s for 11 Milliseconds
Vibration
5 to 2000 Hertz at 20 g’s
Humidity
100% Relative Humidity
Enclosures (Sealed)
NEMA 4 equiv. - Water-tight
(Std)
NEMA 12/13 equiv. — Dust-, Oil-Tight
• Enclosure: Series 1000-2.25" Cube
Series 3000-3''x3''x1.5''
NEMA 12/13 or NEMA 4 type Sealing
Flush or Flanged Base
• Inherent Anti-Jitter Circuitry prevents false outputs
due to machine vibration
• Internally and Externally Shielded ABEC 5 Stainless
Steel Bearings
• Low Supply Current Requirement - 15 mA typical
per encoder, at 24Vdc
• Operating Voltage Flexibility - 8 to 28 Vdc or
5 Vdc TTL Output
• Ideally suited for low PPR needs in dirty
environments, wide temperature ranges
Electrical Connections
Function
6 Pin
Cable Out
Color
+V
B
D
Red
Common
A
F
Black
Channel A
D
A
Blue
Channel B
E
B
Brown
Index
C
C
White
Hercules Encoders
Specifications
20
For the latest specifications visit our website
www.herculesencoders.com


同様の部品番号 - 1121T-AS001AQ12

メーカー部品番号データシート部品情報
logo
Alpha Wire
1121 ALPHAWIRE-1121 Datasheet
98Kb / 4P
   Customer Specification
8/26/2022
1121 ALPHAWIRE-1121 Datasheet
97Kb / 4P
   Customer Specification
11/30/2022
logo
Molex Electronics Ltd.
1121-0679 MOLEX11-1121-0679 Datasheet
391Kb / 10P
   AM-4700-24 (11-21-0679) PRESS - OPERATING INSTRUCTIONS
logo
HellermannTyton.
1121-1-G HELLERMANNTYTON-1121-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
1121-4-GP HELLERMANNTYTON-1121-4-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

同様の説明 - 1121T-AS001AQ12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
523-AS06 ETC1-523-AS06 Datasheet
47Kb / 2P
   Hall Effect Incremental Rotary Shaft Encoders
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com