データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-B36BLDF-FREQ データシート(PDF) 3 Page - Nel Frequency Controls,inc

部品番号 SD-B36BLDF-FREQ
部品情報  LVPECL UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEL [Nel Frequency Controls,inc]
ホームページ  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-B36BLDF-FREQ データシート(HTML) 3 Page - Nel Frequency Controls,inc

  SD-B36BLDF-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-B36BLDF-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc SD-B36BLDF-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. A
CRYSTAL CLOCK OSCILLATORS
SD-A36BXXX Series
Continued
LVPECL UHF VCXO
Electrical Connection
Pin
Connection
1
Vco
2
Enable
3
V
EE
4
Output
5
Output Complement
6
V
CC
Environmental and
Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. E
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium
Soldering conditions
See MAX reflow profile below
Maximum Reflow Profile
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com


同様の部品番号 - SD-B36BLDF-FREQ

メーカー部品番号データシート部品情報
logo
Nel Frequency Controls,...
SD-B36AL99-FREQ NEL-SD-B36AL99-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-B36AL9E-FREQ NEL-SD-B36AL9E-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-B36AL9F-FREQ NEL-SD-B36AL9F-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-B36AL9G-FREQ NEL-SD-B36AL9G-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-B36AL9H-FREQ NEL-SD-B36AL9H-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
More results

同様の説明 - SD-B36BLDF-FREQ

メーカー部品番号データシート部品情報
logo
Nel Frequency Controls,...
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
logo
Advanced XTAL Products
AXIS50-11 AXTAL-AXIS50-11 Datasheet
248Kb / 2P
   UHF VCXO with LVPECL or Sinus Output
logo
Raltron Electronics Cor...
VS9P RALTRON-VS9P Datasheet
589Kb / 3P
   LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
logo
Renesas Technology Corp
IDT8CA3V76-0137 RENESAS-IDT8CA3V76-0137 Datasheet
438Kb / 16P
   LVPECL Frequency VCXO
MARCH 22, 2012
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940_15 Datasheet
119Kb / 2P
   Differential LVPECL VCXO
CVPD-970 CRYSTEKCRYSTAL-CVPD-970_15 Datasheet
147Kb / 2P
   Differential LVPECL VCXO
logo
AiT Semiconductor Inc.
KVPM AITSEMI-KVPM Datasheet
239Kb / 1P
   SMD LVPECL VCXO
KVP3225 AITSEMI-KVP3225 Datasheet
253Kb / 1P
   SMD LVPECL VCXO
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com